Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 111 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 111 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 107Page - Cirrus Logic CS8900A Datasheet HTML 108Page - Cirrus Logic CS8900A Datasheet HTML 109Page - Cirrus Logic CS8900A Datasheet HTML 110Page - Cirrus Logic CS8900A Datasheet HTML 111Page - Cirrus Logic CS8900A Datasheet HTML 112Page - Cirrus Logic CS8900A Datasheet HTML 113Page - Cirrus Logic CS8900A Datasheet HTML 114Page - Cirrus Logic CS8900A Datasheet HTML 115Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 128 page
background image
DS271PP3
111
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
7.0 CHARACTERISTICS/SPECIFICATIONS
7.1 ABSOLUTE MAXIMUM RATINGS (AVSS, DVSS = 0 V, all voltages with respect to 0 V.)
WARNING:
Normal operation is not guaranteed at these extremes.
7.2 RECOMMENDED OPERATING CONDITIONS (AVSS, DVSS = 0 V, all voltages with
respect to 0 V.)
7.3 DC CHARACTERISTICS (T
A = 25 °C; VDD = 5.0 V or VDD = 3.3V)
Notes: 1. With digital outputs connected to CMOS loads.
Parameter
Symbol
Min
Max
Unit
Power Supply
Digital
Analog
DVDD
AVDD
-0.3
-0.3
6.0
6.0
V
V
Input Current
(Except Supply Pins)
-
±10.0
mA
Analog Input Voltage
-0.3
(AVDD+) + 0.3
V
Digital Input Voltage
-0.3
(DVDD) + 0.3
V
Ambient Temperature
(Power Applied)
-55
+125
°C
Storage Temperature
-65
+150
°C
Parameter
Symbol
Min
Max
Unit
5.0V Power Supply CS8900A-CQ & -IQ
Digital
Analog
DVDD
AVDD
4.75
4.75
5.25
5.25
V
V
3.3V Power Supply CS8900A-CQ3 & -IQ3
Digital
Analog
DVDD
AVDD
3.135
3.135
3.465
3.465
V
V
Operating Ambient Temperature CS8900A-CQ & -CQ3
TA
0+70
°C
Operating Ambient Temperature CS8900A-IQ & -IQ3
TA
-40
+85
°C
Parameter
Symbol
Min
Max
Unit
Crystal (when using external clock - square wave)
XTAL1 Input Low Voltage
VIXH
-0.5
0.4
V
XTAL1 Input High Voltage
VIXH
3.5
DVDD + 0.5
V
XTAL1 Input Low Current
IIXL
-40
-
µA
XTAL1 Input High Current
IIXH
-40
µA
Power Supply
Power Supply Current while Active 5.0V
IDD
-55
mA
Power Supply Current while Active 3.3V
IDD
-45
mA
Hardware Standby Mode Current
(Note 1) IDDSTNDBY
-1.0
mA
Hardware Suspend Mode Current
(Note 1) IDDHWSUS
-100
µA
Software Suspend Mode Current
(Note 1) IDDSWSUS
-1.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com