Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 113 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 113 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 109Page - Cirrus Logic CS8900A Datasheet HTML 110Page - Cirrus Logic CS8900A Datasheet HTML 111Page - Cirrus Logic CS8900A Datasheet HTML 112Page - Cirrus Logic CS8900A Datasheet HTML 113Page - Cirrus Logic CS8900A Datasheet HTML 114Page - Cirrus Logic CS8900A Datasheet HTML 115Page - Cirrus Logic CS8900A Datasheet HTML 116Page - Cirrus Logic CS8900A Datasheet HTML 117Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 128 page
background image
DS271PP3
113
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
7.4 SWITCHING CHARACTERISTICS (T
A = 25 °C; VDD = 5.0 V or VDD = 3.3V)
Parameter
Symbol
Min
Typ
Max
Unit
16-Bit I/O Read, IOCHRDY Not Used
Address, AEN, SBHE active to IOCS16 low
tIOR1
-
-
35
ns
Address, AEN, SBHE active to IOR active
tIOR2
10
-
-
ns
IOR low to SD valid
tIOR3
--
135
ns
Address, AEN, SBHE hold after IOR inactive
tIOR4
0-
-
ns
IOR inactive to active
tIOR5
35
-
-
ns
IOR inactive to SD 3-state
tIOR6
-30
-
ns
16-Bit I/O Read, With IOCHRDY
IOR active to IORCHRDY inactive
tIOR7
-30
-
ns
IOCHRDY low pulse width
tIOR8
125
-
175
ns
IOCHRDY active to SD valid
tIOR9
--
0
ns
SA [15:0],
AEN, SBHE
Valid Address
IOCS16
IN
DIRECTION:
IN or OUT of chip
IOR
SD [15:0]
Valid Data
OUT
IN
OUT
t IOR1
t IOR2
t IOR3
t IOR4
t IOR5
t IOR6
16-Bit I/O Read, IOCHRDY not used
SA [15:0],
AEN, SBHE
Valid Address
IOCS16
IN
DIRECTION:
IN or OUT of chip
IOR
SD [15:0]
Valid Data
OUT
IN
OUT
IOCHRDY
OUT
tIOR7
tIOR8
tIOR9
16-Bit I/O Read, with IOCHRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com