Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 116 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 116 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 112Page - Cirrus Logic CS8900A Datasheet HTML 113Page - Cirrus Logic CS8900A Datasheet HTML 114Page - Cirrus Logic CS8900A Datasheet HTML 115Page - Cirrus Logic CS8900A Datasheet HTML 116Page - Cirrus Logic CS8900A Datasheet HTML 117Page - Cirrus Logic CS8900A Datasheet HTML 118Page - Cirrus Logic CS8900A Datasheet HTML 119Page - Cirrus Logic CS8900A Datasheet HTML 120Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 128 page
background image
116
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
SWITCHING CHARACTERISTICS (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
16-Bit Memory Write
Address, SBHE, CHIPSEL valid to MEMCS16 low
tMEMW1
-
-
30
ns
Address, SBHE, CHIPSEL valid to MEMW low
tMEMW2
20
-
-
ns
MEMW pulse width
tMEMW3
110
-
-
ns
MEMW low to SD valid
tMEMW4
-
-
40
ns
SD hold after MEMW high
tMEMW5
0-
-
ns
Address hold after MEMW inactive
tMEMW6
0-
-
ns
MEMW inactive to active
tMEMW7
35
-
-
ns
10BASE-T Transmit
TXD Pair Jitter into 100
Ω Load
tTTX1
--
8
ns
TXD Pair Return to
≤ 50 mV after Last Positive Transition
tTTX2
--
4.5
µs
TXD Pair Positive Hold Time at End of Packet
tTTX3
250
-
-
ns
SA [19:0],
SBHE,
CHIPSEL
Valid Address
MEMCS16
IN
DIRECTION:
IN or OUT of chip
MEMW
SD [15:0]
Valid Data In
OUT
IN
IN
tMEMW3
tMEMW4
t
MEMW5
t
MEMW6
tMEMW7
t
MEMW2
t
MEMW1
16-Bit Memory Write
TXD±
tTTX1
tTTX3
tTTX2
10BASE-T Transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com