Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 112 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 112 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 108Page - Cirrus Logic CS8900A Datasheet HTML 109Page - Cirrus Logic CS8900A Datasheet HTML 110Page - Cirrus Logic CS8900A Datasheet HTML 111Page - Cirrus Logic CS8900A Datasheet HTML 112Page - Cirrus Logic CS8900A Datasheet HTML 113Page - Cirrus Logic CS8900A Datasheet HTML 114Page - Cirrus Logic CS8900A Datasheet HTML 115Page - Cirrus Logic CS8900A Datasheet HTML 116Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 128 page
background image
112
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
DC CHARACTERISTICS (Continued)
Notes: 2. OD24: Open Drain Output with 24 mA Drive
OD10: Open Drain Output with 10 mA Drive
B24: Bi-Directional with 3-State Output and 24 mA Drive
B4w: Bi-Directional with 3-State Output, Internal Weak Pullup, and 4 mA Drive
O24ts: 3-State Output with 24 mA Drive
O4: Output with 4 mA Drive
I: Input
Iw: Input with Internal Weak Pullup
Parameter
Symbol
Min
Typ
Max
Unit
Digital Inputs and Outputs
(Note 2)
Output Low Voltage
IOL = 24 mA
OD24, B24, O24ts
IOL = 10 mA
OD10
IOL = 4 mA
B4w, O4
VOL
-
-
-
-
-
-
0.4
0.4
0.4
V
V
V
Output Low Voltage (all outputs) VDD = 3.3V and TA = >70°C
VOL
0.425
V
Output High Voltage
IOH = -12 mA
B24
IOH = -2 mA
B4w, O24ts, O4
VOH
2.4
2.4
-
-
-
-
V
V
Output Leakage Current
0
≤ V
OUT ≤ VCC
OD24, OD10, B24, O24ts
B4w
ILL
-10
-20
-
-
10
10
µA
Input Low Voltage
I, Iw
VIL
--
0.8
V
Input High Voltage
I, Iw
VIH
2.4
-
-
V
Input Leakage Current
0
≤ V
IN ≤ VCC
I
Iw
IL
-10
-20
-
-
10
10
µA
10BASE-T Interface
Transmitter Differential Output Voltage (Peak)
VOD
2.2
-
2.8
V
Receiver Normal Squelch Level (Peak)
VISQ
300
-
525
mV
Receiver Low Squelch Level (LoRxSquelch bit set)
VSQL
125
-
290
mV
AUI Interface
Transmitter Differential Output Voltage (DO+/DO- Peak)
VAOD
±0.45
-
±1.2
V
Transmitter Undershoot Voltage
VAODU
--
100
mV
Transmitter Differential Idle Voltage (DO+/DO- Peak)
VIDLE
--
40
mV
Receiver Squelch Level (DI+/DI- Peak)
VAISQ
180
-
300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com