Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
38
DIGITAL AUDIO INTERFACE - TDM MODE
When TDM operation is used on the ADCDATn pins, it is important that two devices do not attempt to
drive the ADCDATn pin simultaneously. To support this requirement, the ADCDATn pins can be
configured to be tri-stated when not outputting data.
The timing of the WM8994 ADCDATn tri-stating at the start and end of the data transmission is
described in Figure 6 below.
BCLK
ADCDAT
ADCDAT set-up time
ADCDAT release time
ADCDAT undriven (tri-state)
ADCDAT valid (CODEC output)
ADCDAT valid
ADCDAT undriven (tri-state)
Figure 6 Audio Interface Timing - TDM Mode
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
MIN
TYP
MAX
UNIT
TDM Timing - Master Mode
ADCDAT setup time from BCLK falling edge
0
ns
ADCDAT release time from BCLK falling edge
15
ns
TDM Timing - Slave Mode
ADCDAT setup time from BCLK falling edge
5
ns
ADCDAT release time from BCLK falling edge
32
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com