Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
27
DIGITAL INPUT / OUTPUT
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input / Output (except DMICDATn and DMICCLK)
H16
Input HIGH Level, VIH
0.8
DBVDD
V
H17
Input LOW Level, VIL
0.2
DBVDD
V
Note that digital input pins should not be left unconnected / floating.
H18
Output HIGH Level, VOH
IOL=1mA
0.8
DBVDD
V
H19
Output LOW Level, VOL
IOH=-1mA
0.2
DBVDD
V
H20
Input capacitance
10
pF
H21
Input leakage
-0.9
0.9
A
Digital Microphone Input / Output (DMICDATn and DMICCLK)
H22
DMICDATn input HIGH Level, VIH
0.65
MICBIAS1
V
H23
DMICDATn input LOW Level, VIL
0.35 x
MICBIAS1
V
H24
DMICCLK output HIGH Level, VOH
IOL=1mA
0.8
MICBIAS1
V
H25
DMICCLK output LOW Level, VOL
IOH=-1mA
0.2 x
MICBIAS1
V
H26
Input capacitance
10
pF
H27
Input leakage
-0.9
0.9
A
DIGITAL FILTER CHARACTERISTICS
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Decimation Filter
Passband
+/- 0.05dB
0
0.454 fs
-6dB
0.5 fs
Passband Ripple
+/- 0.05
dB
Stopband
0.546 fs
Stopband Attenuation
f > 0.546 fs
-85
dB
Group Delay
2
ms
DAC Interpolation Filter
Passband
+/- 0.05dB
0
0.454 fs
-6dB
0.5 fs
Passband Ripple
0.454 fs
+/- 0.05
dB
Stopband
0.546 fs
Stopband Attenuation
f > 0.546 fs
-85
dB
Group Delay
2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com