Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
65
DIGITAL SIDETONE MIXING
There are two digital sidetone signal paths, STL and STR. The sidetone sources are selectable for
each path. The sidetone mixer outputs are inputs to the DAC signal mixers.
The following sources can be selected for sidetone path STL.
ADCL or DMICDAT1 (Left) channel
DMICDAT2 (Left) channel
The following sources can be selected for sidetone path STR.
ADCR or DMICDAT1 (Right) channel
DMICDAT2 (Right) channel
The sidetone signal sources are selected using STR_SEL and STL_SEL as described in Table 17.
Note that, when STR_SEL = 0 or STL_SEL = 0, and the respective ADC is enabled (for analogue
inputs), then the ADC data will be selected for applicable sidetone path.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1569 (0621h)
Sidetone
1
STR_SEL
0
Select source for sidetone STR path
0 = ADCR / DMICDAT1 (Right)
1 = DMICDAT2 (Right)
0
STL_SEL
0
Select source for sidetone STL path
0 = ADCL / DMICDAT1 (Left)
1 = DMICDAT2 (Left)
Table 17 Digital Sidetone Mixing
DIGITAL SIDETONE VOLUME AND FILTER CONTROL
A digital volume control is provided for the digital sidetone paths. The associated register controls are
described in Table 18.
A digital high-pass filter can be enabled in the sidetone paths to remove DC offsets. This filter is
enabled using the ST_HPF register bit; the cut-off frequency is configured using ST_HPF_CUT.
When the filter is enabled, it is enabled in both digital sidetone paths.
Note that the sidetone filter cut-off frequency scales according to the sample rate of AIF1 or AIF2.
When AIF1CLK is selected as the SYSCLK source (SYSCLK_SRC = 0), then the ST_HPF cut-off
frequency is scaled according to the AIF1_SR register. When AIF2CLK is selected as the SYSCLK
source (SYSCLK_SRC = 1), then the ST_HPF cut-off frequency is scaled according to the AIF2_SR
register. See “Clocking and Sample Rates” for further details of the system clocks and control
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com