Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
64
AUDIO INTERFACE 1 (AIF1) OUTPUT MIXING
There are four AIF1 digital mixers, one for each AIF1 audio channel (ie. Left/Right channels on
Timeslots 0/1). The inputs to each AIF1 mixer comprise signals from the ADC / Digital Microphone
inputs and from AIF2.
Note that the Left/Right channels of AIF1 can be inverted or interchanged if required; see “Digital
Audio Interface Control”.
The AIF1 Left Timeslot 0 output channel is derived from the ADCL / DMIC1 (Left) and AIF2 (Left)
inputs. The ADCL / DMIC1 (Left) path is enabled by ADC1L_TO_AIF1ADC1L, whilst the AIF2 (Left)
path is enabled by AIF2DACL_TO_AIF1ADC1L.
The AIF1 Right Timeslot 0 output channel is derived from the ADCR / DMIC1 (Right) and AIF2 (Right)
inputs. The ADCR / DMIC1 (Right) path is enabled by ADC1R_TO_AIF1ADC1R, whilst the AIF2
(Right) path is enabled by AIF2DACR_TO_AIF1ADC1R.
The AIF1 Left Timeslot 1 output channel is derived from the DMIC2 (Left) and AIF2 (Left) inputs. The
DMIC2 (Left) path is enabled by ADC2L_TO_AIF1ADC2L, whilst the AIF2 (Left) path is enabled by
AIF2DACL_TO_AIF1ADC2L.
The AIF1 Right Timeslot 1 output channel is derived from the DMIC2 (Right) and AIF2 (Right) inputs.
The DMIC2 (Right) path is enabled by ADC2R_TO_AIF1ADC2R, whilst the AIF2 (Right) path is
enabled by AIF2DACR_TO_AIF1ADC2R.
The AIF1 output mixer controls are defined in Table 16.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1542 (0606h)
AIF1 ADC1
Left Mixer
Routing
1
ADC1L_TO_AIF
1ADC1L
0
Enable ADCL / DMIC1 (Left) to
AIF1 (Timeslot 0, Left) output
0 = Disabled
1 = Enabled
0
AIF2DACL_TO_
AIF1ADC1L
0
Enable AIF2 (Left) to AIF1 (Timeslot
0, Left) output
0 = Disabled
1 = Enabled
R1543 (0607h)
AIF1 ADC1
Right Mixer
Routing
1
ADC1R_TO_AIF
1ADC1R
0
Enable ADCR / DMIC1 (Right) to
AIF1 (Timeslot 0, Right) output
0 = Disabled
1 = Enabled
0
AIF2DACR_TO_
AIF1ADC1R
0
Enable AIF2 (Right) to AIF1
(Timeslot 0, Right) output
0 = Disabled
1 = Enabled
R1544 (0608h)
AIF1 ADC2
Left Mixer
Routing
1
ADC2L_TO_AIF
1ADC2L
0
Enable DMIC2 (Left) to AIF1
(Timeslot 1, Left) output
0 = Disabled
1 = Enabled
0
AIF2DACL_TO_
AIF1ADC2L
0
Enable AIF2 (Left) to AIF1 (Timeslot
1, Left) output
0 = Disabled
1 = Enabled
R1545 (0609h)
AIF1 ADC2
Right Mixer
Routing
1
ADC2R_TO_AIF
1ADC2R
0
Enable DMIC2 (Right) to AIF1
(Timeslot 1, Right) output
0 = Disabled
1 = Enabled
0
AIF2DACR_TO_
AIF1ADC2R
0
Enable AIF2 (Right) to AIF1
(Timeslot 1, Right) output
0 = Disabled
1 = Enabled
Table 16 AIF1 Output Mixing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com