Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 98 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 98 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 102Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
98
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1280
(0500h)
AIF2 ADC
Left Volume
8
AIF2ADC_V
U
N/A
AIF2ADC output path Volume Update
Writing a 1 to this bit will cause the AIF2ADCL
and AIF2ADCR volume to be updated
simultaneously
7:0
AIF2ADCL_
VOL [7:0]
C0h
(0dB)
AIF2ADC (Left) output path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
(See Table 35 for volume range)
R1281
(0501h)
AIF2 ADC
Right Volume
8
AIF2ADC_V
U
N/A
AIF2ADC output path Volume Update
Writing a 1 to this bit will cause the AIF2ADCL
and AIF2ADCR volume to be updated
simultaneously
7:0
AIF2ADCR_
VOL [7:0]
C0h
(0dB)
AIF2ADC (Right) output path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
(See Table 35 for volume range)
Table 42 AIF2 Output Path Volume Control
AIF2 - OUTPUT PATH HIGH PASS FILTER
A digital high-pass filter can be enabled in the AIF2 output paths to remove DC offsets. This filter is
enabled independently in the two AIF2 output channels using the register bits described in Table 43.
The HPF cut-off frequency for the AIF2 channels is set using AIF2ADC_HPF_CUT.
In hi-fi mode, the high pass filter is optimised for removing DC offsets without degrading the bass
response and has a cut-off frequency of 3.7Hz when the sample rate (fs) = 44.1kHz.
In voice modes, the high pass filter is optimised for voice communication; it is recommended to set
the cut-off frequency below 300Hz.
Note that the cut-off frequencies scale with the AIF2 sample rate. (The AIF2 sample rate is set using
the AIF2_SR register, as described in the “Clocking and Sample Rates” section.) See Table 37 for the
HPF cut-off frequencies at all supported sample rates.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1296 (0510h)
AIF2 ADC
Filters
14:13
AIF2ADC_H
PF_CUT
[1:0]
00
AIF2ADC output path Digital HPF Cut-Off
Frequency (fc)
00 = Hi-fi mode (fc = 4Hz at fs = 48kHz)
01 = Voice mode 1 (fc = 127Hz at fs = 8kHz)
10 = Voice mode 2 (fc = 130Hz at fs = 8kHz)
11 = Voice mode 3 (fc = 267Hz at fs = 8kHz)
12
AIF2ADCL_
HPF
0
AIF2ADC (Left) output path Digital HPF
Enable
0 = Disabled
1 = Enabled
11
AIF2ADCR_
HPF
0
AIF2ADC (Right) output path Digital HPF
Enable
0 = Disabled
1 = Enabled
Table 43 AIF2 Output Path High Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com