Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
72
The slope of the DRC response is determined by register fields [DRC]_HI_COMP and
[DRC]
_LO_COMP. A slope of 1 indicates constant gain in this region. A slope less than 1 represents
compression (i.e. a change in input amplitude produces only a smaller change in output amplitude). A
slope of 0 indicates that the target output amplitude is the same across a range of input amplitudes;
this is infinite compression.
When the noise gate is enabled, the DRC response in this region is determined by the
[DRC]
_NG_EXP register. A slope of 1 indicates constant gain in this region. A slope greater than 1
represents expansion (ie. a change in input amplitude produces a larger change in output amplitude).
When the DRC_KNEE2_OP knee is enabled (“Knee2” in Figure 24), this introduces the vertical line in
the response pattern illustrated, resulting in infinitely steep attenuation at this point in the response.
The DRC parameters are listed in Table 23.
REF
PARAMETER
DESCRIPTION
1
[DRC]
_KNEE_IP
Input level at Knee1 (dB)
2
[DRC]
_KNEE_OP
Output level at Knee2 (dB)
3
[DRC]
_HI_COMP
Compression ratio above Knee1
4
[DRC]
_LO_COMP
Compression ratio below Knee1
5
[DRC]
_KNEE2_IP
Input level at Knee2 (dB)
6
[DRC]
_NG_EXP
Expansion ratio below Knee2
7
[DRC]
_KNEE2_OP
Output level at Knee2 (dB)
Table 23 DRC Response Parameters
The noise gate is enabled when the [DRC]_NG_ENA register is set. When the noise gate is not
enabled, parameters 5, 6, 7 above are ignored, and the [DRC]_LO_COMP slope applies to all input
signal levels below Knee1.
The DRC_KNEE2_OP knee is enabled when the [DRC]_KNEE2_OP_ENA register is set. When this
bit is not set, then parameter 7 above is ignored, and the Knee2 position always coincides with the
low end of the [DRC]_LO_COMP region.
The “Knee1” point in Figure 24 is determined by register fields [DRC]_KNEE_IP and
[DRC]
_KNEE_OP.
Parameter Y0, the output level for a 0dB input, is not specified directly, but can be calculated from the
other parameters, using the equation:
GAIN LIMITS
The minimum and maximum gain applied by the DRC is set by register fields [DRC]_MINGAIN,
[DRC]
_MAXGAIN and [DRC]_NG_MINGAIN. These limits can be used to alter the DRC response
from that illustrated in Figure 24. If the range between maximum and minimum gain is reduced, then
the extent of the dynamic range control is reduced.
The minimum gain in the Compression regions of the DRC response is set by [DRC]_MINGAIN. The
mimimum gain in the Noise Gate region is set by [DRC]_NG_MINGAIN. The minimum gain limit
prevents excessive attenuation of the signal path.
The maximum gain limit set by [DRC]_MAXGAIN prevents quiet signals (or silence) from being
excessively amplified.
DYNAMIC CHARACTERISTICS
The dynamic behaviour determines how quickly the DRC responds to changing signal levels. Note
that the DRC responds to the average (RMS) signal amplitude over a period of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com