Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
77
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1104 (0450h)
AIF1 DRC2 (1)
8
AIF1DRC2_NG_
ENA
0
AIF1 DRC2 Noise Gate Enable
0 = Disabled
1 = Enabled
5
AIF1DRC2_KNE
E2_OP_ENA
0
AIF1 DRC2 KNEE2_OP Enable
0 = Disabled
1 = Enabled
4
AIF1DRC2_QR
1
AIF1 DRC2 Quick-release Enable
0 = Disabled
1 = Enabled
3
AIF1DRC2_ANTI
CLIP
1
AIF1 DRC2 Anti-clip Enable
0 = Disabled
1 = Enabled
R1105 (0451h)
AIF1 DRC2 (2)
12:9
AIF1DRC2_ATK
[3:0]
0100
AIF1 DRC2 Gain attack rate
(seconds/6dB)
0000 = Reserved
0001 = 181us
0010 = 363us
0011 = 726us
0100 = 1.45ms
0101 = 2.9ms
0110 = 5.8ms
0111 = 11.6ms
1000 = 23.2ms
1001 = 46.4ms
1010 = 92.8ms
1011 = 185.6ms
1100-1111 = Reserved
8:5
AIF1DRC2_DCY
[3:0]
0010
AIF1 DRC2 Gain decay rate
(seconds/6dB)
0000 = 186ms
0001 = 372ms
0010 = 743ms
0011 = 1.49s
0100 = 2.97s
0101 = 5.94s
0110 = 11.89s
0111 = 23.78s
1000 = 47.56s
1001-1111 = Reserved
4:2
AIF1DRC2_MIN
GAIN [2:0]
001
AIF1 DRC2 Minimum gain to
attenuate audio signals
000 = 0dB
001 = -12dB (default)
010 = -18dB
011 = -24dB
100 = -36dB
101 = Reserved
11X = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com