Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
68
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
AIF1DAC2R_TO
_DAC1R
0
Enable AIF1 (Timeslot 1, Right) to
DAC1R
0 = Disabled
1 = Enabled
0
AIF1DAC1R_TO
_DAC1R
0
Enable AIF1 (Timeslot 0, Right) to
DAC1R
0 = Disabled
1 = Enabled
R1540 (0604h)
DAC2 Left
Mixer Routing
5
ADCR_TO_DAC
2L
0
Enable Sidetone STR to DAC2L
0 = Disabled
1 = Enabled
4
ADCL_TO_DAC
2L
0
Enable Sidetone STL to DAC2L
0 = Disabled
1 = Enabled
2
AIF2DACL_TO_
DAC2L
0
Enable AIF2 (Left) to DAC2L
0 = Disabled
1 = Enabled
1
AIF1DAC2L_TO
_DAC2L
0
Enable AIF1 (Timeslot 1, Left) to
DAC2L
0 = Disabled
1 = Enabled
0
AIF1DAC1L_TO
_DAC2L
0
Enable AIF1 (Timeslot 0, Left) to
DAC2L
0 = Disabled
1 = Enabled
R1541 (0605h)
DAC2 Right
Mixer Routing
5
ADCR_TO_DAC
2R
0
Enable Sidetone STR to DAC2R
0 = Disabled
1 = Enabled
4
ADCL_TO_DAC
2R
0
Enable Sidetone STL to DAC2R
0 = Disabled
1 = Enabled
2
AIF2DACR_TO_
DAC2R
0
Enable AIF2 (Right) to DAC2R
0 = Disabled
1 = Enabled
1
AIF1DAC2R_TO
_DAC2R
0
Enable AIF1 (Timeslot 1, Right) to
DAC2R
0 = Disabled
1 = Enabled
0
AIF1DAC1R_TO
_DAC2R
0
Enable AIF1 (Timeslot 0, Right) to
DAC2R
0 = Disabled
1 = Enabled
Table 20 DAC Output Digital Mixing
AUDIO INTERFACE 2 (AIF2) DIGITAL MIXING
There are two output channels on AIF2. The audio source for these two channels is the same as the
selected source for DAC2L and DAC2R, as described in “DAC Output Digital Mixing”.
Note that the Left/Right channels of AIF2 can be inverted or interchanged if required; see “Digital
Audio Interface Control”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com