Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
42
DEVICE DESCRIPTION
INTRODUCTION
The WM8994 is a low power, high quality audio codec designed to interface with a wide range of
processors and analogue components. A high level of mixed-signal integration in a very small
footprint makes it ideal for portable applications such as mobile phones. Fully differential internal
architecture and on-chip RF noise filters ensure a very high degree of noise immunity.
The analogue circuits of the WM8994 are almost entirely backwards-compatible with the WM8993
with the exception of two additional DAC channels, a dual FLL and two integrated LDO regulators.
Three sets of audio interface pins are available in order to provide independent and fully
asynchronous connections to multiple processors, typically an application processor, baseband
processor and wireless transceiver. Any two of these interfaces can operate totally independently and
asynchronously while the third interface can be synchronised to either of the other two and can also
provide ultra low power loopback modes to support, for example, wireless headset voice calls.
Four digital microphone input channels are available to support advanced multi-microphone
applications such as noise cancellation. An integrated microphone activity monitor is available to
enable the processor to sleep during periods of microphone inactivity, saving power.
Four DAC channels are available to support use cases requiring up to four simultaneous digital audio
streams to the output drivers.
Eight highly flexible analogue inputs allow interfacing to up to four microphone inputs (single-ended or
differential), plus multiple stereo or mono line inputs. Connections to an external voice CODEC, FM
radio, line input, handset MIC and headset MIC are all fully supported. Signal routing to the output
mixers and within the CODEC has been designed for maximum flexibility to support a wide variety of
usage modes. A ‘Direct Voice’ path from a voice CODEC directly to the Speaker or Earpiece output
drivers is included.
Nine analogue output drivers are integrated, including a stereo pair of high power, high quality
Class D/AB switchable speaker drivers; these can support 2W each in stereo mode. It is also possible
to configure the speaker drivers as a mono output, giving enhanced performance. A mono earpiece
driver is provided, providing output from the output mixers or from the low-power differential ‘Direct
Voice’ path.
One pair of ground-reference headphone outputs is provided; these are powered from an integrated
Charge Pump, enabling high quality, power efficient headphone playback without any requirement for
DC blocking capacitors. A DC Servo circuit is available for DC offset correction, thereby suppressing
pops and reducing power consumption. Four line outputs are provided, with multiple configuration
options including 4 x single-ended output or 2 x differential outputs. The line outputs are suitable for
output to a voice CODEC, an external speaker driver or line output connector. Ground loop feedback
is available on the headphone outputs and the line outputs, providing rejection of noise on the ground
connections. All outputs have integrated pop and click suppression features.
Internal differential signal routing and amplifier configurations have been optimised to provide the
highest performance and lowest possible power consumption for a wide range of usage scenarios,
including voice calls and music playback. The speaker drivers offer low leakage and high PSRR; this
enables direct connection to a Lithium battery. The speaker drivers provide eight levels of AC and DC
gain to allow output signal levels to be maximised for many commonly-used SPKVDD/AVDD1
combinations.
The ADCs and DACs are of hi-fi quality, using a 24-bit low-order oversampling architecture to deliver
optimum performance. A flexible clocking arrangement supports mixed sample rates, whilst integrated
ultra-low power dual FLLs provide additional flexibility. A high pass filter is available in all ADC and
digital MIC paths for removing DC offsets and suppressing low frequency noise such as mechanical
vibration and wind noise. A digital mixing path from the ADC or digital MICs to the DAC provides a
sidetone of enhanced quality during voice calls. DAC soft mute and un-mute is available for pop-free
music playback.
The integrated Dynamic Range Controllers (DRC) and ReTune
TM Mobile 5-band parametric equaliser
(EQ) provide further processing capability of the digital audio paths. The DRC provides compression
and signal level control to improve the handling of unpredictable signal levels. ‘Anti-clip’ and ‘quick
release’ algorithms improve intelligibility in the presence of transients and impulsive noises. The EQ
provides the capability to tailor the audio path according to the frequency characteristics of an
earpiece or loudspeaker, and/or according to user preferences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com