Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
33
SPEAKER DRIVER PERFORMANCE
Typical speaker driver THD+N performance is shown below for Class D and Class AB modes. Curves are shown for typical
SPKVDD supply voltage, gain and load conditions.
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Power (W)
THD+N vs. Output Power
Class D, Mono (SPKMODE=1), 8Ω + 10µH
SPKVDD =3.3V
SPKVDD =3.7V
SPKVDD =5.0V
SPKVDD =4.5V
SPKVDD =4.2V
0.01
0.1
1
10
00.511.522.5
3
Output Power (W)
THD+N vs. Output Power
Class D, Mono (SPKMODE=1), 4Ω + 10µH
SPKVDD =3.3V
SPKVDD =3.7V
SPKVDD =5.0V
SPKVDD =4.5V
SPKVDD =4.2V
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Power (W)
THD+N vs. Output Power
Class AB, Mono (SPKMODE=1), 8Ω + 10µH
SPKVDD =3.3V
SPKVDD =3.7V
SPKVDD =5.0V
SPKVDD =4.5V
SPKVDD =4.2V
0.01
0.1
1
10
00.511.522.5
3
Output Power (W)
THD+N vs. Output Power
Class AB, Mono (SPKMODE=1), 4Ω + 10µH
SPKVDD =3.3V
SPKVDD =3.7V
SPKVDD =5.0V
SPKVDD =4.5V
SPKVDD =4.2V
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Power (W)
THD+N vs. Output Power
Class D, Stereo (SPKMODE=0), 8Ω + 10µH
SPKVDD =3.3V
SPKVDD =3.7V
SPKVDD =5.0V
SPKVDD =4.5V
SPKVDD =4.2V
0.01
0.1
1
10
00.511.522.5
3
Output Power (W)
THD+N vs. Output Power
Class D, Stereo (SPKMODE=0), Load = 4Ω + 10µH
SPKVDD =3.3V
SPKVDD =3.7V
SPKVDD =5.0V
SPKVDD =4.5V
SPKVDD =4.2V
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Power (W)
THD+N vs. Output Power
Class AB, Stereo (SPKMODE=0), 8Ω + 10µH
SPKVDD =3.3V
SPKVDD =3.7V
SPKVDD =5.0V
SPKVDD =4.5V
SPKVDD =4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com