| Electronic Components Datasheet Search |
|
WM8994 Datasheet(PDF) 47 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8994 Datasheet(HTML) 47 Page - Wolfson Microelectronics plc |
|
47 / 359 page ![]() Production Data WM8994 w PD, April 2012, Rev 4.4 47 LINE AND VOICE CODEC INPUTS All eight analogue input pins may be used as line inputs. Each line input has different signal path options, providing flexibility, high performance and low power consumption for many different usage modes. IN1LN and IN1RN can operate as single-ended line inputs to the input PGAs IN1L and IN1R respectively. These inputs provide a high gain path if required for low input signal levels. IN2LN and IN2RN can operate as single-ended line inputs to the input PGAs IN2L and IN2R respectively, providing further high gain signal paths. These pins can also be connected to either of the output mixers MIXOUTL and MIXOUTR. IN1LP and IN1RP can operate as single-ended line inputs to the input mixers MIXINL and MIXINR, or to the speaker mixers SPKMIXL and SPKMIXR. These signal paths enable power consumption to be reduced, by allowing the input PGAs and other circuits to be disabled if not required. IN2LP/VRXN and IN2RP/VRXP can operate in three different ways: Mono differential ’RXVOICE’ input (e.g. from an external voice CODEC) to the input mixers MIXINL and MIXINR. Single-ended line inputs to either of the output mixers MIXOUTL and MIXOUTR. Ultra-low power mono differential ‘Direct Voice’ input (e.g. from an external voice CODEC) to the ear speaker driver on HPOUT2, or to either of the speaker drivers on SPKOUTL and SPKOUTR. Signal path configuration to the input PGAs and input mixers is detailed later in this section. Signal path configuration to the output mixers and speaker mixers is described in “Analogue Output Signal Path”. The line input and voice CODEC input configurations are illustrated in Figure 15 through to Figure 18. MIXINL/R PGA VMID IN1LN or IN1RN Line Input Figure 15 IN1LN or IN1RN as Line Inputs Figure 16 IN2LN or IN2RN as Line Inputs PGA VMID IN1LP, IN1RP Line Input MIXINL/R SPKMIXL/R Figure 17 IN1LP or IN1RP as Line Inputs Figure 18 IN2LP or IN2RP as Line Inputs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |