Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
94
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1026
(0402h)
AIF1 DAC1
Left Volume
8
AIF1DAC1_
VU
N/A
AIF1DAC1 input path (AIF1, Timeslot 0)
Volume Update
Writing a 1 to this bit will cause the
AIF1DAC1L and AIF1DAC1R volume to be
updated simultaneously
7:0
AIF1DAC1L
_VOL [7:0]
C0h
(0dB)
AIF1DAC1 (Left) input path (AIF1, Timeslot 0)
Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
(See Table 39 for volume range)
R1027
(0403h)
AIF1 DAC1
Right Volume
8
AIF1DAC1_
VU
N/A
AIF1DAC1 input path (AIF1, Timeslot 0)
Volume Update
Writing a 1 to this bit will cause the
AIF1DAC1L and AIF1DAC1R volume to be
updated simultaneously
7:0
AIF1DAC1R
_VOL [7:0]
C0h
(0dB)
AIF1DAC1 (Right) input path (AIF1, Timeslot
0) Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
(See Table 39 for volume range)
R1030
(0406h)
AIF1 DAC2
Left Volume
8
AIF1DAC2_
VU
N/A
AIF1DAC2 input path (AIF1, Timeslot 1)
Volume Update
Writing a 1 to this bit will cause the
AIF1DAC2L and AIF1DAC2R volume to be
updated simultaneously
7:0
AIF1DAC2L
_VOL [7:0]
C0h
(0dB)
AIF1DAC2 (Left) input path (AIF1, Timeslot 1)
Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
(See Table 39 for volume range)
R1031
(0407h)
AIF1 DAC2
Right Volume
8
AIF1DAC2_
VU
N/A
AIF1DAC2 input path (AIF1, Timeslot 1)
Volume Update
Writing a 1 to this bit will cause the
AIF1DAC2L and AIF1DAC2R volume to be
updated simultaneously
7:0
AIF1DAC2R
_VOL [7:0]
C0h
(0dB)
AIF1DAC2 (Right) input path (AIF1, Timeslot
1) Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
(See Table 39 for volume range)
Table 38 AIF1 Input Path Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com