Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
30
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the maximum full scale output signal
and the output with no input signal applied.
2.
Total Harmonic Distortion (dB) – THD is the level of the rms value of the sum of harmonic distortion products relative
to the amplitude of the measured output signal.
3.
Total Harmonic Distortion plus Noise (dB) – THD+N is the level of the rms value of the sum of harmonic distortion
products plus noise in the specified bandwidth relative to the amplitude of the measured output signal.
4.
Power Supply Rejection Ratio (dB) - PSRR is the ratio of a specified power supply variation relative to the output
signal that results from it. PSRR is measured under quiescent signal path conditions.
5.
Common Mode Rejection Ratio (dB) – CMRR is the ratio of a specified input signal (applied to both sides of a
differential input), relative to the output signal that results from it.
6.
Channel Separation (L/R) (dB) – left-to-right and right-to-left channel separation is the difference in level between the
active channel (driven to maximum full scale output) and the measured signal level in the idle channel at the test
signal frequency. The active channel is configured and supplied with an appropriate input signal to drive a full scale
output, with signal measured at the output of the associated idle channel.
7.
Multi-Path Crosstalk (dB) – is the difference in level between the output of the active path and the measured signal
level in the idle path at the test signal frequency. The active path is configured and supplied with an appropriate input
signal to drive a full scale output, with signal measured at the output of the specified idle path.
8.
Mute Attenuation – This is a measure of the difference in level between the full scale output signal and the output with
mute applied.
9.
All performance measurements carried out with 20kHz low pass filter, and where noted an A-weighted filter. Failure to
use such a filter will result in higher THD and lower SNR readings than are found in the Electrical Characteristics. The
low pass filter removes out of band noise; although it is not audible it may affect dynamic specification values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com