Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
16
Test Conditions
TA = +25
oC.
With the exception of the condition(s) noted above, the following electrical characteristics are valid across the full range of
recommended operating conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IN2LN, IN2RN, IN2LP or
IN2RP to MIXOUTL or
MIXOUTR
Gain = 0dB
(*MIXOUTx_VOL=000)
18
k
RXVOICE to MIXINL or
MIXINR
Gain = -12dB
(IN2LRP_MIXINx_VOL=001)
48
k
RXVOICE to MIXINL or
MIXINR
Gain = 0dB
(IN2LRP_MIXINx_VOL=101)
12
k
RXVOICE to MIXINL or
MIXINR
Gain = +6dB
(IN2LRP_MIXINx_VOL=111)
6.0
k
Direct Voice to Earpiece
Gain = -6dB
(HPOUT2_VOL=1)
20
kΩ
Direct Voice to Earpiece
Gain = 0dB
(HPOUT2_VOL=0)
10
kΩ
Direct Voice to Speaker
Gain = 0dB
(SPKOUTx_BOOST=000)
170
kΩ
Direct Voice to Speaker
Gain = +6dB
(SPKOUTx_BOOST=100)
85
kΩ
Direct Voice to Speaker
Gain = +9dB
(SPKOUTx_BOOST=110)
60
kΩ
Direct Voice to Speaker
Gain = +12dB
(SPKOUTx_BOOST=111)
43
kΩ
Note 5: Input resistance will be seen in parallel with the resistance of other enabled input paths from the same pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com