Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
85
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1408 (0580h)
AIF2 EQ Gains
(1)
15:11
AIF2DAC_EQ_
B1_GAIN
[4:0]
01100
(0dB)
AIF2 EQ Band 1 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
10:6
AIF2DAC_EQ_
B2_GAIN
[4:0]
01100
(0dB)
AIF2EQ Band 2 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
5:1
AIF2DAC_EQ_
B3_GAIN
[4:0]
01100
(0dB)
AIF2EQ Band 3 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
R1409 (0581h)
AIF2 EQ Gains
(2)
15:11
AIF2DAC_EQ_
B4_GAIN
[4:0]
01100
(0dB)
AIF2EQ Band 4 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
10:6
AIF2DAC_EQ_
B5_GAIN
[4:0]
01100
(0dB)
AIF2EQ Band 5 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
Table 31 AIF2 EQ Band Gain Control
EQ GAIN SETTING
Gain (dB)
00000
-12
00001
-11
00010
-10
00011
-9
00100
-8
00101
-7
00110
-6
00111
-5
01000
-4
01001
-3
01010
-2
01011
-1
01100
0
01101
+1
01110
+2
01111
+3
10000
+4
10001
+5
10010
+6
10011
+7
10100
+8
10101
+9
10110
+10
10111
+11
11000
+12
11001 to 11111
Reserved
Table 32 EQ Gain Control Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com