Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
23
BYPASS PATH PERFORMANCE
Test Conditions
AVDD1=3.0V (powered from LDO1), DCVDD=1.0V (powered from LDO2), AVDD2=DBVDD=LDO2VDD=CPVDD=1.8V,
LDO1VDD=SPKVDD1=SPKVDD2=5V, DGND=AGND=CPGND=SPKGND1=SPKGND2=HP2GND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
F1
Input PGA to Differential Line Output (Load = 10k
 // 50pF)
SNR
A-weighted
100
dB
THD
0dBV output
-90
dB
THD+N
0dBV output
-87
dB
F3
Input PGA to Headphone via MIXOUTL or MIXOUTR (Load = 16
)
SNR
A-weighted
98
dB
THD
PO=20mW
-89
dB
THD+N
PO=20mW
-87
dB
THD
PO=5mW
-86
dB
THD+N
PO=5mW
-84
dB
PSRR (all supplies)
100mV (pk-pk)
217Hz
49
dB
Channel Separation
(L/R)
95
dB
F2
Line Input (IN2LP or IN2RP) to Headphone via MIXOUTL or MIXOUTR (Load = 16
)
SNR
A-weighted
100
dB
THD
PO=20mW
-86
dB
THD+N
PO=20mW
-84
dB
THD
PO=5mW
-84
dB
THD+N
PO=5mW
-82
dB
PSRR (all supplies)
100mV (pk-pk)
217Hz
49
dB
F4
Line Input (IN2LN or IN2RN) to Headphone via MIXOUTL or MIXOUTR (Load = 16
)
SNR
A-weighted
100
dB
THD
PO=20mW
-84
dB
THD+N
PO=20mW
-82
dB
THD
PO=5mW
-82
dB
THD+N
PO=5mW
-80
dB
PSRR (all supplies)
100mV (pk-pk)
217Hz
49
dB
Channel Separation
(L/R)
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com