Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 92 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 92 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 96Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
92
AIF1 - OUTPUT PATH HIGH PASS FILTER
A digital high-pass filter can be enabled in the AIF1 output paths to remove DC offsets. This filter is
enabled independently in the four AIF1 output channels using the register bits described in Table 36.
The HPF cut-off frequency for the AIF1 Timeslot 0 channels is set using AIF1ADC1_HPF_CUT. The
HPF cut-off frequency for the AIF1 Timeslot 1 channels is set using AIF1ADC2_HPF_CUT.
In hi-fi mode, the high pass filter is optimised for removing DC offsets without degrading the bass
response and has a cut-off frequency of 3.7Hz when the sample rate (fs) = 44.1kHz.
In voice modes, the high pass filter is optimised for voice communication; it is recommended to set
the cut-off frequency below 300Hz.
Note that the cut-off frequencies scale with the AIF1 sample rate. (The AIF1 sample rate is set using
the AIF1_SR register, as described in the “Clocking and Sample Rates” section.) See Table 37 for the
HPF cut-off frequencies at all supported sample rates.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1040 (0410h)
AIF1 ADC1
Filters
14:13
AIF1ADC1_
HPF_CUT
[1:0]
00
AIF1ADC1 output path (AIF1, Timeslot 0)
Digital HPF cut-off frequency (fc)
00 = Hi-fi mode (fc = 4Hz at fs = 48kHz)
01 = Voice mode 1 (fc = 64Hz at fs = 8kHz)
10 = Voice mode 2 (fc = 130Hz at fs = 8kHz)
11 = Voice mode 3 (fc = 267Hz at fs = 8kHz)
12
AIF1ADC1L_
HPF
0
AIF1ADC1 (Left) output path (AIF1, Timeslot
0) Digital HPF Enable
0 = Disabled
1 = Enabled
11
AIF1ADC1R
_HPF
0
AIF1ADC1 (Right) output path (AIF1, Timeslot
0) Digital HPF Enable
0 = Disabled
1 = Enabled
R1041 (0411h)
AIF1 ADC2
Filters
14:13
AIF1ADC2_
HPF_CUT
[1:0]
00
AIF1ADC2 output path (AIF1, Timeslot 1)
Digital HPF cut-off frequency (fc)
00 = Hi-fi mode (fc = 4Hz at fs = 48kHz)
01 = Voice mode 1 (fc = 64Hz at fs = 8kHz)
10 = Voice mode 2 (fc = 130Hz at fs = 8kHz)
11 = Voice mode 3 (fc = 267Hz at fs = 8kHz)
12
AIF1ADC2L_
HPF
0
AIF1ADC2 (Left) output path (AIF1, Timeslot
1) Digital HPF Enable
0 = Disabled
1 = Enabled
11
AIF1ADC2R
_HPF
0
AIF1ADC2 (Right) output path (AIF1, Timeslot
1) Digital HPF Enable
0 = Disabled
1 = Enabled
Table 36 AIF1 Output Path High Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com