Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
57
Figure 20 Digital Microphone Interface Timing
The four digital microphone channels can be routed to one of the four timeslots on AIF1. The
DMICDAT1 microphones, when enabled, are routed to the Left/Right channels of AIF1 Timeslot 0.
The DMICDAT2 microphones, when enabled, are routed to the Left/Right channels of AIF1 Timeslot
1.
Digital volume control of the digital microphone channels in the AIF1 signal paths is provided using
the registers described in the “Digital Volume and Filter Control” section.
The digital microphone channels can be routed, in a limited number of configurations, to the digital
mixing output bus, via the digital sidetone signal paths. See “Digital Mixing” for further details.
Digital volume control of the digital microphone channels in the digital sidetone signal paths is
provided using the registers described in the “Digital Mixing” section.
The digital microphone interface control fields are described in Table 9.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (0004h)
Power
Managemen
t (4)
5
DMIC2L_ENA
0
Digital microphone DMICDAT2
Left channel enable
0 = Disabled
1 = Enabled
4
DMIC2R_ENA
0
Digital microphone DMICDAT2
Right channel enable
0 = Disabled
1 = Enabled
3
DMIC1L_ENA
0
Digital microphone DMICDAT1
Left channel enable
0 = Disabled
1 = Enabled
2
DMIC1R_ENA
0
Digital microphone DMICDAT1
Right channel enable
0 = Disabled
1 = Enabled
Table 9 Digital Microphone Interface Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com