Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 101Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
97
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
will cause the DAC volume to ramp up
gradually to the AIF1DAC2L_VOL and
AIF1DAC2R_VOL settings
Table 40 AIF1 Input Path Soft Mute Control
AIF1 - INPUT PATH MONO MIX AND DE-EMPHASIS FILTER
A digital mono mix can be selected on one or both pairs of AIF1 input channels. The mono mix is
generated as the sum of the Left and Right AIF channel data. When the mono mix function is
enabled, the combined mono signal is applied to the Left channel and the Right channel of the
respective AIF1 signal processing and digital mixing paths. To prevent clipping, 6dB attenuation is
applied to the mono mix.
Digital de-emphasis can be applied to the AIF1 input (playback) paths; this is appropriate when the
data source is a CD where pre-emphasis is used in the recording. De-emphasis filtering is available
for sample rates of 48kHz, 44.1kHz and 32kHz. See “Digital Filter Characteristics “section for details
of de-emphasis filter characteristics.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1056 (0420h)
AIF1 DAC1
Filters (1)
7
AIF1DAC1_
MONO
0
AIF1DAC1 input path (AIF1, Timeslot 0) Mono
Mix Control
0 = Disabled
1 = Enabled
2:1
AIF1DAC1_
DEEMP [1:0]
00
AIF1DAC1 input path (AIF1, Timeslot 0) De-
Emphasis Control
00 = No de-emphasis
01 = 32kHz sample rate
10 = 44.1kHz sample rate
11 = 48kHz sample rate
R1058 (0422h)
AIF1 DAC2
Filters (1)
7
AIF1DAC2_
MONO
0
AIF1DAC2 input path (AIF1, Timeslot 1) Mono
Mix Control
0 = Disabled
1 = Enabled
2:1
AIF1DAC2_
DEEMP [1:0]
00
AIF1DAC2 input path (AIF1, Timeslot 1) De-
Emphasis Control
00 = No de-emphasis
01 = 32kHz sample rate
10 = 44.1kHz sample rate
11 = 48kHz sample rate
Table 41 AIF1 Input Path Mono Mix and De-Emphasis Filter Control
AIF2 - OUTPUT PATH VOLUME CONTROL
The AIF2 interface supports two output channels. A digital volume control is provided on each output
signal path, allowing attenuation in the range -71.625dB to +17.625dB in 0.375dB steps. The level of
attenuation for an eight-bit code X is given by:
0.375
 (X-192) dB for 1  X  239;
MUTE for X = 0
+17.625dB for 239
 X  255
The AIF2ADC_VU bit controls the loading of digital volume control data. When AIF2ADC_VU bit is set
to 0, the AIF2ADCL_VOL and AIF2ADCR_VOL control data will be loaded into the respective control
register, but will not actually change the digital gain setting. Both left and right gain settings are
updated when a 1 is written to AIF2ADC_VU. This makes it possible to update the gain of left and
right channels simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com