Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 101 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 101 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 105Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
101
DIGITAL TO ANALOGUE CONVERTER (DAC)
The WM8994 DACs receive digital input data from the DAC mixers - see “Digital Mixing”. The digital
audio data is converted to oversampled bit streams in the on-chip, true 24-bit digital interpolation
filters. The bitstream data enters four multi-bit, sigma-delta DACs, which convert them to high quality
analogue audio signals. The multi-bit DAC architecture reduces high frequency noise and sensitivity
to clock jitter. It also uses a Dynamic Element Matching technique for high linearity and low distortion.
A high performance mode of DAC operation can be selected by setting the DAC_OSR128 bit - see
“Clocking and Sample Rates” for details.
The analogue outputs from the DACs can be mixed with analogue line/mic inputs using the line output
mixers MIXOUTL / MIXOUTR and the speaker output mixers SPKMIXL / SPKMIXR.
The DACs are enabled using the register bits defined in Table 47.
Note that the DAC clock must be enabled whenever the DACs are enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (0005h)
Power
Management (5)
3
DAC2L_EN
A
0
Left DAC2 Enable
0 = Disabled
1 = Enabled
2
DAC2R_EN
A
0
Right DAC2 Enable
0 = Disabled
1 = Enabled
1
DAC1L_EN
A
0
Left DAC1 Enable
0 = Disabled
1 = Enabled
0
DAC1R_EN
A
0
Right DAC1 Enable
0 = Disabled
1 = Enabled
Table 47 DAC Enable Control
DAC CLOCKING CONTROL
Clocking for the DACs is derived from SYSCLK. The required clock is enabled when the
SYSDSPCLK_ENA register is set.
The DAC clock rate is configured automatically, according to the AIFn_SR, AIFnCLK_RATE and
DAC_OSR128 registers. (See “Clocking and Sample Rates” for further details of the system clocks
and control registers.)
When AIF1CLK is selected as the SYSCLK source (SYSCLK_SRC = 0), then the DAC clocking is
controlled by the AIF1_SR and AIF1CLK_RATE registers.
When AIF2CLK is selected as the SYSCLK source (SYSCLK_SRC = 1), then the DAC clocking is
controlled by the AIF2_SR and AIF2CLK_RATE registers.
The supported DAC clocking configurations are described in Table 48 (for DAC_OSR128=0) and
Table 49 (for DAC_OSR128=1). Under default conditions, the DAC_OSR128 bit is not set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com