Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 102 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 102 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 106Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
102
SAMPLE
RATE (kHz)
SYSCLK RATE (AIFnCLK / fs ratio)
128
192
256
384
512
768
1024
1536
8
11.025
Note 1
12
Note 1
16
Note 1
Note 1
22.05
Note 1
Note 1
24
Note 1
Note 1
32
Note 1
Note 1
44.1
Note 1
Note 1
48
Note 1
Note 1
88.2
Note 1
96
Note 1
When DAC_OSR128=0, DAC operation is only supported for the configurations indicated above
Table 48 DAC Clocking - DAC_OSR128 = 0 (Default)
SAMPLE
RATE (kHz)
SYSCLK RATE (AIFnCLK / fs ratio)
128
192
256
384
512
768
1024
1536
8
11.025
12
16
22.05
Note 1
24
Note 1
32
Note 1
Note 1
44.1
Note 1
Note 1
48
Note 1
Note 1
88.2
Note 1
96
Note 1
When DAC_OSR128=1, DAC operation is only supported for the configurations indicated above
Table 49 DAC Clocking - DAC_OSR128 = 1
Note 1 - These clocking rates are only supported for ‘simple’ DAC-only playback modes, under the
following conditions:
AIF input is enabled on a single interface (AIF1 or AIF2) only, or is enabled on AIF1 and
AIF2 simultaneously provided AIF1 and AIF2 are synchronised (ie. AIF1CLK_SRC =
AIF2CLK_SRC)
All AIF output paths are disabled
All DSP functions (ReTune™ Mobile Parametric Equaliser, 3D stereo expansion and
Dynamic Range Control) are disabled
The clocking requirements in Table 48 and Table 49 are only applicable to the AIFnCLK that is
selected as the SYSCLK source. Note that both clocks (AIF1CLK and AIF2CLK) must satisfy the
requirements noted in the “Clocking and Sample Rates” section.
The applicable clocks (SYSCLK, and AIF1CLK or AIF2CLK) must be present and enabled when
using the Digital to Analogue Converters (DACs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com