Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
31
TYPICAL PERFORMANCE
TYPICAL POWER CONSUMPTION
OPERATING MODE
TEST CONDITIONS
SPKVDD
(Note 3)
LDO1VDD
AVDD2
CPVDD
DBVDD LDO2VDD
TOTAL
Off (Battery Leakage only)
LDO1 disabled,
LDO2 disabled
4.2V
1.1
A
4.2V
0.4
A
0.0V
5.5
A
0.0V
5
A
0.0V
9.3
A
0.0V
0.2
A
0.01mW
Standby
LDO1 disabled,
LDO2 enabled
All supplies present,
No clocks,
Default register settings
4.2V
1.8
A
4.2V
1
A
1.8V
60
A
1.8V
5
A
1.8V
20
A
1.8V
42
A
0.2mW
Standby
LDO1 enabled,
LDO2 enabled
All supplies present,
No clocks,
Default register settings
4.2V
1.8
A
4.2V
89
A
1.8V
65
A
1.8V
5
A
1.8V
30
A
1.8V
42
A
0.6mW
Music playback to Headphone (32ohm load)
AIF1 to DAC to
HPOUT1 (stereo)
fs=44.1kHz,
Clocking rate=256fs,
24-bit I2S, Slave mode
4.2V
0.0mA
4.2V
2.05mA
1.8V
0.32mA
1.8V
0.48mA
1.8V
0.04mA
1.8V
1.09mA
12.1mW
AIF1 to DAC to
HPOUT1 (stereo)
LDOs disabled,
See Note 5
fs=44.1kHz,
Clocking rate=128fs,
24-bit I2S, Slave mode,
Class W
3.6V
0.0mA
AVDD1=
2.4V
1.43mA
1.8V
0.21mA
1.8V
0.21mA
1.8V
0.01mA
DCVDD=
1.0V
0.94mA
5.34mW
Music playback to Class D speaker output (8ohm, 22
H load)
AIF1 to DAC to
SPKOUT (stereo)
fs=44.1kHz,
Clocking rate=256fs,
24-bit I2S, Slave mode,
+7.5dB Class D boost
4.2V
1.65mA
4.2V
2.36mA
1.8V
1.24mA
1.8V
0.01mA
1.8V
0.04mA
1.8V
1.09mA
21.1mW
AIF1 to DAC to
SPKOUT (Left)
fs=44.1kHz,
Clocking rate=256fs,
24-bit I2S, Slave mode,
+0.0dB Class D boost
4.2V
0.74mA
4.2V
2.34mA
1.8V
0.79mA
1.8V
0.01mA
1.8V
0.04mA
1.8V
1.09mA
16.4mW
AIF1 to AIF3 Mono Digital Bypass (eg. Bluetooth video call)
AIF1(L) to AIF3(L),
AIF3(L) to AIF1(L)
fs=8kHz,
Clocking rate=256fs,
24-bit I2S, Slave mode
4.2V
0.0mA
4.2V
0.09mA
1.8V
0.07mA
1.8V
0.01mA
1.8V
0.08mA
1.8V
0.33mA
1.2mW
AIF2 to AIF3 Mono Digital Bypass (eg. Bluetooth voice call)
AIF2(L) to AIF3(L),
AIF3(L) to AIF2(L)
fs=8kHz,
Clocking rate=256fs,
24-bit I2S, Slave mode
4.2V
0.002mA
4.2V
0.089mA
1.8V
0.065mA
1.8V
0.003mA
1.8V
0.039mA
1.8V
0.272mA
1.1mW
Notes:
1. AVDD1 = 3.0V, generated by LDO1
2. DCVDD = 1.0V, generated by LDO2
3. SPKVDD = SPKVDD1 = SPKVDD2.
4. ISPKVDD = ISPKVDD1 + ISPKVDD2.
5. Power consumption for music playback with LDOs disabled requires an external supply for AVDD1 and DCVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com