Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
46
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
(0001h)
Power
Managem
ent (1)
5
MICB2_ENA
0
Microphone Bias 2 Enable
0 = Disabled
1 = Enabled
4
MICB1_ENA
0
Microphone Bias 1 Enable
0 = Disabled
1 = Enabled
R57
(0039h)
AntiPOP
(2)
8
MICB2_DISCH
0
Microphone Bias 2 Discharge
0 = MICBIAS2 floating when disabled
1 = MICBIAS2 discharged when disabled
7
MICB1_DISCH
0
Microphone Bias 1 Discharge
0 = MICBIAS1 floating when disabled
1 = MICBIAS1 discharged when disabled
R58
(003Ah)
MICBIAS
1
MICB2_LVL
0
Microphone Bias 2 Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
0
MICB1_LVL
0
Microphone Bias 1 Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
Table 1 Microphone Bias Control
Note that the maximum source current capability for MICBIAS1 and MICBIAS2 is 2.4mA each. The
external biasing resistance must be large enough to limit each MICBIAS current to 2.4mA across the
full microphone impedance range.
An external capacitor is required on MICBIAS1 and MICBIAS2 in order to ensure accuracy and
stability of each regulator. The recommended capacitance is 4.7
F in each case. See
“Recommended External Components” for further details.
Note that, if the MICBIAS1 or MICBIAS2 regulator is not enabled, then no external capacitor is
required on the respective MICBIAS pin.
MICROPHONE CURRENT DETECT
A MICBIAS current detect function allows detection of accessories such as headset microphones.
When the MICBIAS load current exceeds one of two programmable thresholds, (e.g. short circuit
current or normal operating current), an interrupt or GPIO output can be generated. The current
detection circuit is enabled by the MICD_ENA bit; the current thresholds are selected by the
MICD_THR and MICD_SCTHR register fields as described in Table 83. See “General Purpose
Input/Output” for a full description of these fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com