Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
67
ADCR_DAC1_VOL,
ADCL_DAC2_VOL,
ADCR_DAC1_VOL or
ADCL_DAC2_VOL
SIDETONE
GAIN (dB)
0000
-36
0001
-33
0010
-30
0011
-27
0100
-24
0101
-21
0110
-18
0111
-15
1000
-12
1001
-9
1010
-6
1011
-3
1100
0
1101
0
1110
0
1111
0
Table 19 Digital Sidetone Volume Range
DAC OUTPUT DIGITAL MIXING
There are four DAC digital mixers, one for each DAC. The inputs to each DAC mixer comprise signals
from AIF1, AIF2 and the digital sidetone signals.
Note that the Left/Right channels of the AIF1 and AIF2 inputs can be inverted or interchanged if
required; see “Digital Audio Interface Control”.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1537 (0601h)
DAC1 Left
Mixer Routing
5
ADCR_TO_DAC
1L
0
Enable Sidetone STR to DAC1L
0 = Disabled
1 = Enabled
4
ADCL_TO_DAC
1L
0
Enable Sidetone STL to DAC1L
0 = Disabled
1 = Enabled
2
AIF2DACL_TO_
DAC1L
0
Enable AIF2 (Left) to DAC1L
0 = Disabled
1 = Enabled
1
AIF1DAC2L_TO
_DAC1L
0
Enable AIF1 (Timeslot 1, Left) to
DAC1L
0 = Disabled
1 = Enabled
0
AIF1DAC1L_TO
_DAC1L
0
Enable AIF1 (Timeslot 0, Left) to
DAC1L
0 = Disabled
1 = Enabled
R1538 (0602h)
DAC1 Right
Mixer Routing
5
ADCR_TO_DAC
1R
0
Enable Sidetone STR to DAC1R
0 = Disabled
1 = Enabled
4
ADCL_TO_DAC
1R
0
Enable Sidetone STL to DAC1R
0 = Disabled
1 = Enabled
2
AIF2DACR_TO_
DAC1R
0
Enable AIF2 (Right) to DAC1R
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com