Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
18
OUTPUT DRIVER CHARACTERISTICS
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line Output Driver (LINEOUT1P, LINEOUT1N, LINEOUT2P, LINEOUT2N)
Load resistance
2
kΩ
Load capacitance
Direct connection
100
pF
Connection via 1kΩ series resistor
2000
Output discharge resistance
LINEOUTn_DISCH=1, VROI=0
8
kΩ
LINEOUTn_DISCH=1, VROI=1,
LINEOUTn_ENA=0
500
Ω
Headphone Output Driver (HPOUT1L, HPOUT1R)
Load resistance
Normal operation
15
Ω
Device survival with load applied indefinitely
(see note 6)
100
mΩ
Load capacitance
2
nF
DC offset across load
DC Servo complete
TBD
mV
Earpiece Output Driver (HPOUT2L, HPOUT2R)
Load resistance
15
Ω
Load capacitance
Direct connection
200
pF
DC offset across load
±5
mV
Speaker Output Driver (SPKOUTLP, SPKOUTLN, SPKOUTRP, SPKOUTRN)
Load resistance
Stereo Mode (SPKMODE=0), Class AB
8
Ω
Stereo Mode (SPKMODE=0), Class D
4
Mono Mode (SPKMODE=1)
4
DC offset across load
±5
mV
SPKVDD leakage current
Sum of ISPKVDD1 + ISPKVDD2
1
µA
Note 6: In typical applications, the PCB trace resistance, jack contact resistance and ESR of any series passive components
(eg. inductor or ferrite bead) are sufficient to provide this minimum resistance; additional series components are not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com