Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 113 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 113 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 117Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
113
OUTPUT MIXER CONTROL
The Output Mixer path select and volume controls are described in Table 57 for the Left Channel
(MIXOUTL) and Table 58 for the Right Channel (MIXOUTR). The gain of each of input path may be
controlled independently in the range described in Table 59.
Note that the DAC input levels may also be controlled by the DAC digital volume controls (see “Digital
to Analogue Converter (DAC)”) and the Audio Interface digital volume controls (see “Digital Volume
and Filter Control”).
When using the IN2LP, IN2LN, IN2RP or IN2RN signal paths to the output mixers, the buffered VMID
reference must be enabled, using the VMID_BUF_ENA register, as described in “Reference Voltages
and Master Bias”.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45 (002Dh)
Output Mixer
(1)
5
IN2RN_TO_MIXOUTL
0
IN2RN to MIXOUTL Mute
0 = Mute
1 = Un-mute
Note that VMID_BUF_ENA must be
set when using the IN2RN input to
MIXOUTL.
R49 (0031h)
Output Mixer
(5)
8:6
IN2RN_MIXOUTL_VOL
[2:0]
000
IN2RN to MIXOUTL Volume
0dB to -21dB in 3dB steps
000 = 0dB
001 = -3dB
…(3dB steps)
111 = -21dB
(See Table 59 for Volume Range)
R45 (002Dh)
Output Mixer
(1)
4
IN2LN_TO_MIXOUTL
0
IN2LN to MIXOUTL Mute
0 = Mute
1 = Un-mute
Note that VMID_BUF_ENA must be
set when using the IN2LN input to
MIXOUTL.
R47 (002Fh)
Output Mixer
(3)
8:6
IN2LN_MIXOUTL_VOL
[2:0]
000
IN2LN to MIXOUTL Volume
0dB to -21dB in 3dB steps
000 = 0dB
001 = -3dB
…(3dB steps)
111 = -21dB
(See Table 59 for Volume Range)
R45 (002Dh)
Output Mixer
(1)
2
IN1L_TO_MIXOUTL
0
IN1L PGA Output to MIXOUTL
Mute
0 = Mute
1 = Un-mute
R47 (002Fh)
Output Mixer
(3)
2:0
IN1L_MIXOUTL_VOL
[2:0]
000
IN1L PGA Output to MIXOUTL
Volume
0dB to -21dB in 3dB steps
000 = 0dB
001 = -3dB
…(3dB steps)
111 = -21dB
(See Table 59 for Volume Range)
R45 (002Dh)
Output Mixer
(1)
3
IN1R_TO_MIXOUTL
0
IN1R PGA Output to MIXOUTL
Mute
0 = Mute
1 = Un-mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com