Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 126 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 126 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 130Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
126
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (001Fh)
HPOUT2
Volume
5
HPOUT2_MUTE
1
HPOUT2 (Earpiece Driver) Mute
0 = Un-mute
1 = Mute
4
HPOUT2_VOL
0
HPOUT2 (Earpiece Driver) Volume
0 = 0dB
1 = -6dB
R51 (0033h)
HPOUT2
Mixer
5
IN2LRP_TO_HPOUT2
0
Direct Voice (VRXN-VRXP) to
Earpiece Driver
0 = Mute
1 = Un-mute
4
MIXOUTLVOL_TO_HP
OUT2
0
MIXOUTLVOL (Left Output Mixer
PGA) to Earpiece Driver
0 = Mute
1 = Un-mute
3
MIXOUTRVOL_TO_HP
OUT2
0
MIXOUTRVOL (Right Output Mixer
PGA) to Earpiece Driver
0 = Mute
1 = Un-mute
Table 67 Earpiece Driver Mixer (HPOUT2MIX) Control
LINE OUTPUT MIXERS
The WM8994 provides two pairs of line outputs, both with highly configurable output mixers. The
outputs LINEOUT1N and LINEOUT1P can be configured as two single-ended outputs or as a
differential output. In the same manner, LINEOUT2N and LINEOUT2P can be configured either as
two single-ended outputs or as a differential output. The respective line output mixers can be
configured in single-ended mode or differential mode; each mode supports multiple signal path
configurations.
LINEOUT1 single-ended mode is selected by setting LINEOUT1_MODE = 1. In single-ended mode,
any of three possible signal paths may be enabled:
MIXOUTL (left output mixer) to LINEOUT1P
MIXOUTR (right output mixer) to LINEOUT1N
MIXOUTL (left output mixer) to LINEOUT1N
LINEOUT1 differential mode is selected by setting LINEOUT1_MODE = 0. In differential mode, any of
three possible signal paths may be enabled:
MIXOUTL (left output mixer) to LINEOUT1N and LINEOUT1P
IN1L (input PGA) to LINEOUT1N and LINEOUT1P
IN1R (input PGA) to LINEOUT1N and LINEOUT1P
The LINEOUT1 output mixers are controlled as described in Table 68. Care should be taken to avoid
clipping when enabling more than one path to the line output mixers. The LINEOUT1_VOL control
can be used to provide -6dB attenuation when more than one full scale signal is applied.
When using the LINEOUT1 mixers in single-ended mode, a buffered VMID must be enabled. This is
achieved by setting LINEOUT_VMID_BUF_ENA, as described in the “Analogue Outputs” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com