Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 131 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 131 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 135Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
131
Note that the charge pump clock is derived from internal clock SYSCLK; either MCLK or the FLL
output selectable using the SYSCLK_SRC bit. Under normal circumstances an external clock signal
must be present for the charge pump to function. However, the FLL has a free-running mode that
does not require an external clock but will generate an internal clock suitable for running the charge
pump. The clock division from SYSCLK is handled transparently by the WM8994 without user
intervention, as long as SYSCLK and sample rates are set correctly. Refer to the “Clocking and
Sample Rates” section for more detail on the FLL and clocking configuration.
When the Charge Pump is disabled, the output can be left floating or can be actively discharged,
depending on the CP_DISCH control bit.
If the headphone output drivers (HPOUT1L and HPOUT1R) are not used, then the Charge Pump and
the associated external components are not required. The Charge Pump and Headphone drivers
should not be enabled in this case (CP_ENA=0, HPOUT1L_ENA=0, HPOUT1R_ENA=0).
If the Charge Pump is not used, and the associated external components are omitted, then the CPCA
and CPCB pins can be left floating; the CPVOUTP and CPVOUTN pins should be grounded as
illustrated in Figure 33.
Note that, when the Charge Pump is disabled, it is still recommended that the CPVDD pin is kept
within its recommended operating conditions (1.71V to 2.0V).
Figure 33 External Configuration when Charge Pump not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com