Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5502 Datasheet(PDF) 164 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 164 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 160Page - Texas Instruments TMS320VC5502 Datasheet HTML 161Page - Texas Instruments TMS320VC5502 Datasheet HTML 162Page - Texas Instruments TMS320VC5502 Datasheet HTML 163Page - Texas Instruments TMS320VC5502 Datasheet HTML 164Page - Texas Instruments TMS320VC5502 Datasheet HTML 165Page - Texas Instruments TMS320VC5502 Datasheet HTML 166Page - Texas Instruments TMS320VC5502 Datasheet HTML 167Page - Texas Instruments TMS320VC5502 Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-37. McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 11b, CLKXP = 0)
(1) (2) (3)
VC5502-200
VC5502-300
NO.
UNIT
MASTER
SLAVE
MIN
MAX
MIN
MAX
M39
tsu(DRV-CKXH)
Setup time, DR valid before CLKX high
13
0 – 5P
ns
M40
th(CKXH-DRV)
Hold time, DR valid after CLKX high
1
9 + 6P
ns
M41
tsu(FXL-CKXH)
Setup time, FSX low before CLKX high
10
ns
M42
tc(CKX)
Cycle time, CLKX
2P
16P
ns
(1)
For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
(2)
P = (Divider2 Ratio)/(CPU Clock Frequency) in ns. For example, when running parts at 300 MHz with the slow peripheral domain at 1/2
the CPU clock frequency, use P = 2/300 MHz = 6.66 ns.
(3)
McBSP register values required to configure the McBSP as an SPI master and as an SPI slave are listed in the
TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port (McBSP) Reference Guide (literature number
SPRU592).
Table 5-38. McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 11b, CLKXP = 0)
(1) (2) (3) (4)
VC5502-200
VC5502-300
NO.
PARAMETER
UNIT
MASTER
SLAVE
MIN
MAX
MIN
MAX
M34
td(CKXL-FXL)
Delay time, CLKX low to FSX low(5)
C – 2
C + 6
ns
M35
td(FXL-CKXH)
Delay time, FSX low to CLKX high(6)
T – 6
T + 4
ns
M36
td(CKXL-DXV)
Delay time, CLKX low to DX valid
–4
6
4P
6P
ns
Disable time, DX high impedance following last
M37
tdis(CKXL-DXHZ)
–2
10
3P + 4
4P + 18
ns
data bit from CLKX low
M38
td(FXL-DXV)
Delay time, FSX low to DX valid
D – 2
D + 10
2P – 4
4P + 10
ns
(1)
For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
(2)
P = (Divider2 Ratio)/(CPU Clock Frequency) in ns. For example, when running parts at 300 MHz with the slow peripheral domain at 1/2
the CPU clock frequency, use P = 2/300 MHz = 6.66 ns.
(3)
McBSP register values required to configure the McBSP as an SPI master and as an SPI slave are listed in the
TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port (McBSP) Reference Guide (literature number
SPRU592).
(4)
T = CLKX period = (1 + CLKGDV) * P
C = CLKX low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) * P when CLKGDV is even
D = CLKX high pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2 + 1) * P when CLKGDV is even
(5)
FSRP = FSXP = 1. As a SPI master, FSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input on
FSX and FSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for slave McBSP
(6)
FSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master
clock (CLKX).
Specifications
164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com