Electronic Components Datasheet Search
  English  ▼

X  

PC87382 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 18Page - National Semiconductor (TI) PC87382 Datasheet HTML 19Page - National Semiconductor (TI) PC87382 Datasheet HTML 20Page - National Semiconductor (TI) PC87382 Datasheet HTML 21Page - National Semiconductor (TI) PC87382 Datasheet HTML 22Page - National Semiconductor (TI) PC87382 Datasheet HTML 23Page - National Semiconductor (TI) PC87382 Datasheet HTML 24Page - National Semiconductor (TI) PC87382 Datasheet HTML 25Page - National Semiconductor (TI) PC87382 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
22
Revision1.2
3.2.4
Standard Configuration Registers
Figure 5. Configuration Register Map
SuperI/O Configuration Registers
The PC87382 configuration registers at Indexes 20h and 27h are used for part identification. The other configuration
registers are used for global power management and the selection of pin multiplexing options. For details, see Section 3.7
on page 26.
Logical Device Control and Configuration Registers
A subset of these registers is implemented for each logical device. See the functional block descriptions in the following sec-
tions.
Control
The only implemented control register for each logical device is the Activate register at Index 30h. Bit 0 of the Activate reg-
ister controls the activation of the associated functional block. Activation enables access to the functional block’s registers,
and attaches its system resources, which are unassigned as long as it is not activated. Other effects may apply on a function-
specific basis (such as clock enable and active pinout signaling). Access to the configuration register of the logical device is
enabled even when the logical device is not activated.
Standard Configuration
The standard configuration registers manage the PnP resource allocation to the functional blocks. The I/O port base address
descriptor 0 is a pair of registers at Index 60-61h, holding the first 16-bit base address for the register set of the functional
block. An optional 16-bit second base-address (descriptor 1) at Index 62-63h is used for logical devices with more than one
continuous register set. Interrupt Number (Index 70h) and IRQ Type Select (Index 71h) allocate an IRQ line to the block and
control its type. DMA Channel Select 0 (Index 74h) allocates a DMA channel to the block, where applicable. DMA Channel
Select 1 (Index 75h) allocates a second DMA channel, where applicable.
SuperI/O Control and
Configuration Registers
Logical Device Control and
one per Logical Device
Configuration Registers -
Index
Register Name
07h
Logical Device Number
20h
SuperI/O ID
21h
SuperI/O Configuration 1
22h
SuperI/O Configuration 2
23h-25h
Reserved
26h
SuperI/O Configuration 6
27h
SuperI/O Revision ID
28h
Reserved
29h
Clock Generator Control
2Ah - 2Fh
Reserved exclusively for National use
30h
Logical Device Control (Activate)
60h
I/O Base Address Descriptor 0 Bits 15-8
61h
I/O Base Address Descriptor 0 Bits 7-0
70h
Interrupt Number and Wake-Up on IRQ Enable
71h
IRQ Type Select
74h
DMA Channel Select 0
75h
DMA Channel Select 1
F0h - FFh
Device Specific Logical Device Configuration 1 to 15
(some are optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com