Electronic Components Datasheet Search
  English  ▼

X  

PC87382 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 55Page - National Semiconductor (TI) PC87382 Datasheet HTML 56Page - National Semiconductor (TI) PC87382 Datasheet HTML 57Page - National Semiconductor (TI) PC87382 Datasheet HTML 58Page - National Semiconductor (TI) PC87382 Datasheet HTML 59Page - National Semiconductor (TI) PC87382 Datasheet HTML 60Page - National Semiconductor (TI) PC87382 Datasheet HTML 61Page - National Semiconductor (TI) PC87382 Datasheet HTML 62Page - National Semiconductor (TI) PC87382 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
8.0 Device Characteristics (Continued)
Revision 1.2
59
www.national.com
8.1.3
Capacitance
8.1.4
Power Consumption under Recommended Operating Conditions
8.1.5
Voltage Thresholds
8.2
DC CHARACTERISTICS OF PINS, BY I/O BUFFER TYPES
The following tables summarize the DC characteristics of all device pins described in the Chapter 1.2 on page 9. The char-
acteristics describe the general I/O buffer types defined in Table 1. For exceptions, refer to Section 8.2.8. The DC charac-
teristics of the system interface meet the PCI2.2 3.3V DC signaling.
8.2.1
Input, PCI 3.3V
Symbol: INPCI
Symbol
Parameter
Min2
Typ1
1. TA = 25°C, f = 1 MHz
Max2
2. Not tested. Guaranteed by design
Unit
CLCLK
LCLK Pin Capacitance
5
8
12
pF
CPIN
Other Pins Capacitance
8
10
pF
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
VDD Average Main Supply Current
VIL = 0.5 V, VIH = 2.4 V
No Load
810
mA
IDDLP
VDD Quiescent Main Supply Current
in Low Power Mode
VIL =VSS,VIH =VDD
No Load
1.5
2
mA
Symbol
Parameter1
1. All parameters specified for 0
°C
≤ T
A ≤ 70°C.
Min2
2. Not tested. Guaranteed by characterization.
Typ
Max2
Unit
VDDON
VDD Detected as Power-on
2.2
2.6
2.9
V
VDDOFF
VDD Detected as Power-off
2.1
2.5
2.8
V
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
0.5VDD V
DD + 0.5
1
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
−0.51
0.3VDD
V
lIL
2
2. Input leakage currents include hi-Z output leakage for all bidirectional buffers with TRI-STATE outputs.
Input Leakage Current
0 < Vin <VDD
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com