Electronic Components Datasheet Search
  English  ▼

X  

PC87382 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 32Page - National Semiconductor (TI) PC87382 Datasheet HTML 33Page - National Semiconductor (TI) PC87382 Datasheet HTML 34Page - National Semiconductor (TI) PC87382 Datasheet HTML 35Page - National Semiconductor (TI) PC87382 Datasheet HTML 36Page - National Semiconductor (TI) PC87382 Datasheet HTML 37Page - National Semiconductor (TI) PC87382 Datasheet HTML 38Page - National Semiconductor (TI) PC87382 Datasheet HTML 39Page - National Semiconductor (TI) PC87382 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
36
Revision1.2
3.11 DOCKING LPC SWITCH CONFIGURATION
3.11.1 Logical Device 19 (DLPC) Configuration
Table 19 lists the configuration registers that affect the DLPC. See Sections 3.2.3 and 3.2.4 for descriptions of the registers
summarized below.
Table 19. DLPC Configuration Registers
Index
Configuration Register or Action
Type
Reset
30h Activate. See also bit 0 of the SIOCF1 register.
R/W
00h
60h Base Address MSB register.
R/W
00h
61h Base Address LSB register. Bit 0 (for A0) is read only, 0b.
R/W
00h
70h Interrupt Number register. No Interrupt assignment.
RO
00h
71h Interrupt Type. No Interrupt assignment.
RO
00h
74h Report no DMA assignment.
RO
04h
75h Report no DMA assignment.
RO
04h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com