Electronic Components Datasheet Search
  English  ▼

X  

PC87382 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 33Page - National Semiconductor (TI) PC87382 Datasheet HTML 34Page - National Semiconductor (TI) PC87382 Datasheet HTML 35Page - National Semiconductor (TI) PC87382 Datasheet HTML 36Page - National Semiconductor (TI) PC87382 Datasheet HTML 37Page - National Semiconductor (TI) PC87382 Datasheet HTML 38Page - National Semiconductor (TI) PC87382 Datasheet HTML 39Page - National Semiconductor (TI) PC87382 Datasheet HTML 40Page - National Semiconductor (TI) PC87382 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
Revision 1.2
37
www.national.com
4.0
LPC Bus Interface
4.1
OVERVIEW
The LPC host Interface supports 8-bit I/O Read and Write and 8-bit DMA transactions, as defined in Intel’s LPC Interface
Specification, Revision 1.1.
4.2
LPC TRANSACTIONS
The LPC Interface of the PC87382 can respond to the following LPC transactions:
q
8-bit I/O read and write cycles
q
8-bit DMA read and write cycles
q
DMA request cycles
4.3
CLKRUN FUNCTIONALITY
The PC87382 supports the CLKRUN signal, which is implemented according to the specification in PCI Mobile Design
Guide, Revision 1.1, December 18, 1998. The PC87382 supports operation with both a slow and stopped clock in ACPI state
S0 (when the system is active but is not being accessed). In the following cases, the PC87382 drives the CLKRUN signal
low to force the LPC bus clock into full speed operation:
q
An IRQ is pending internally, waiting to be sent through the serial IRQ.
q
A DMA request is pending internally, waiting to be sent through the serial DMA.
Note: When the CLKRUN signal is not in use, the PC87382 assumes a valid clock on the LCLK pin.
4.4
INTERRUPT SERIALIZER
The Interrupt Serializer translates parallel interrupt request signals received from internal IRQ sources, into serial interrupt
request data transmitted over the SERIRQ bus.
The internal IRQs are fed into a Mapping, Enable and Polarity Control block, which maps them to their associated IRQ slots.
The IRQs are then fed into the Interrupt Serializer, where they are translated into serial data and transmitted over the SER-
IRQ bus.
The same slot cannot be shared among different interrupt sources in the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com