Electronic Components Datasheet Search
  English  ▼

X  

PC87382 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 31Page - National Semiconductor (TI) PC87382 Datasheet HTML 32Page - National Semiconductor (TI) PC87382 Datasheet HTML 33Page - National Semiconductor (TI) PC87382 Datasheet HTML 34Page - National Semiconductor (TI) PC87382 Datasheet HTML 35Page - National Semiconductor (TI) PC87382 Datasheet HTML 36Page - National Semiconductor (TI) PC87382 Datasheet HTML 37Page - National Semiconductor (TI) PC87382 Datasheet HTML 38Page - National Semiconductor (TI) PC87382 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
35
www.national.com
3.10.6 GPIO Event Routing Register (GPEVR)
This register enables the routing of the GPIO event to IRQ signals. It is implemented only for ports 0,1 which have event
detection capability. This register is reset by hardware to 00h.
Location: Index F2h
Type:
R/W
5
R/W or
RO
EVPOL (Event Polarity). (Ports 0 and 1 with event detection capability). This bit defines the polarity of
the signal that issues an interrupt from the corresponding GPIO pin (falling/low or rising/high).
0: Falling edge or low level input (default).
1: Rising edge or high level input.
Reserved. (Port 2). Always 0.
4
R/W or
RO
EVTYPE (Event Type). (Ports 0 and 1 with event detection capability). This bit defines the type of the
signal that issues an interrupt from the corresponding GPIO pin (edge or level).
0: Edge input (default).
1: Level input.
Reserved. (Port 2). Always 0.
3
R/W1S LOCKCFP (Lock Configuration of Pin). When set to 1, this bit locks the GPIO pin configuration and
data (see also Section 5.4 on page 41) by disabling writing to itself, to GPCFG register bits PUPCTL,
OUTTYPE and OUTENA, and to the corresponding bit in GPDO register. Once set, this bit can only be
cleared by Hardware reset.
0: R/W bits are enabled for write (default).
1: All bits are RO.
2
R/W or
RO
PUPCTL (Pull-Up Control). This bit is used to enable/disable the internal pull-up capability of the
corresponding GPIO pin. It supports open-drain output signals with internal pull-ups and TTL input
signals.
0: Disabled.
1: Enabled (default).
1
R/W or
RO
OUTTYPE (Output Type). This bit controls the output buffer type (open-drain or push-pull) of the
corresponding GPIO pin.
0: Open-drain (default).
1: Push-pull.
0
R/W or
RO
OUTENA (Output Enable). This bit indicates the GPIO pin output state. It has no effect on the input
path.
0: TRI-STATE (default).
1: Output enabled.
Bit
76543210
Name
Reserved
EV2IRQ
Reset
00000000
Bit
Description
7-1
Reserved.
0
EV2IRQ (Event to IRQ Routing). Controls the routing of the event from the selected GPIO pin to IRQ; see
Section 5.3.2 on page 40.
0: Disabled (default).
1: Enabled.
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com