Electronic Components Datasheet Search
  English  ▼

X  

PC87382 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 11Page - National Semiconductor (TI) PC87382 Datasheet HTML 12Page - National Semiconductor (TI) PC87382 Datasheet HTML 13Page - National Semiconductor (TI) PC87382 Datasheet HTML 14Page - National Semiconductor (TI) PC87382 Datasheet HTML 15Page - National Semiconductor (TI) PC87382 Datasheet HTML 16Page - National Semiconductor (TI) PC87382 Datasheet HTML 17Page - National Semiconductor (TI) PC87382 Datasheet HTML 18Page - National Semiconductor (TI) PC87382 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
2.0 Power, Reset and Clocks (Continued)
Revision 1.2
15
www.national.com
2.2
RESET SOURCES AND TYPES
The PC87382 has the following reset sources:
• V
DD Power-Up Reset - activated when VDD is powered up
• Hardware Reset - activated when the LRESET input is asserted (low)
2.2.1
VDD Power-Up Reset
VDD Power-Up reset is generated by an internal circuit when VDD power is turned on. VDD Power-Up reset time (tIRST) lasts
until the LRESET signal is de-asserted. The Hardware reset (LRESET) must be asserted for a minimum of 10 ms to ensure
that the PC87382 operates correctly.
External devices must wait at least tIRST before accessing the PC87382. If the host processor accesses the PC87382 during
this time, the PC87382 LPC interface ignores the transaction (that is, it does not return a SYNC handshake).
VDD Power-Up reset performs the following actions:
• Puts pins with strap options into TRI-STATE and enables their internal pull-up resistors
• Samples the logic levels of the strap pins
• Executes all the actions performed by the Hardware reset; see Section 2.2.2
2.2.2
Hardware Reset
Hardware reset is activated by assertion of LRESET input while VDD is “good”. When VDD power is off, the PC87382 ignores
the level of the LRESET input. Hardware reset performs the following actions:
• Resets all lock bits in configuration registers
• Loads default values to all the bits in the Configuration Control
• Resets all the logical devices
• Loads default values to all the module registers
2.3
CLOCK DOMAINS
The PC87382 has two clock domains, as shown in Table 3.
2.3.1
LPC Domain
The LPC clock signal at the LCLK pin must become valid before the end of the Hardware reset (LRESET); see Section 2.2.2.
This clock can be slowed down or stopped using the CLKRUN protocol.
2.3.2
48 MHz Domain
The 48 MHz clock domain is sourced either by the on-chip Clock Generator or directly by the CLKIN input pin. The Clock
Generator is fed by applying a clock source at a frequency of 14.31818 MHz. The Clock Generator generates two internal
clocks, 24 MHz and 48 MHz. After power-up or Hardware reset, the clock (Clock Generator or external clock) is disabled.
Clock Generator Functional Description
The on-chip Clock Generator starts working when it is enabled by bit 7 of the CLOCKCF register, Index 29h, i.e., when the
bit value changes from 0 to 1 (only for 14.31818 MHz clock source). Once enabled, the output clock is frozen to a steady
logic level until the clock generator provides a stable output clock that meets all requirements. Then the clock starts toggling.
On Hardware reset, the chip wakes up with the on-chip Clock Generator disabled. The input clock of the Clock Generator
may toggle regardless of the state of the LRESET pin. The Clock Generator waits for a toggling input clock.
Table 3. Clock Domains of the PC87382
Clock
Domain
Frequency
Source
Usage
LPC
Up to 33 MHz
LPC clock input (LCLK)
LPC bus interface and Configuration registers,
Docking LPC Switch logic
48 MHz
48 MHz
On-chip Clock Generator or
directly from Clock Input (CLKIN)
Legacy functions (Serial Port, Infrared)
and DCLKOUT output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com