Electronic Components Datasheet Search
  English  ▼

X  

PC87382 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 25Page - National Semiconductor (TI) PC87382 Datasheet HTML 26Page - National Semiconductor (TI) PC87382 Datasheet HTML 27Page - National Semiconductor (TI) PC87382 Datasheet HTML 28Page - National Semiconductor (TI) PC87382 Datasheet HTML 29Page - National Semiconductor (TI) PC87382 Datasheet HTML 30Page - National Semiconductor (TI) PC87382 Datasheet HTML 31Page - National Semiconductor (TI) PC87382 Datasheet HTML 32Page - National Semiconductor (TI) PC87382 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
29
www.national.com
3.7.6
Clock Generator Control Register (CLOCKCF)
Location: Index 29h
Type:
Varies per bit
Bit
76
5
43210
Name
CKEN
CKOUTSEL CK48SEL
CKVALID
LOCKCCF
Reserved
Reset
0
0
0
00000
Bit
Type
Description
7
R/W or
RO
CKEN (Clock Enable). This bit enables the internal clock of the PC87382. If the clock source selected
by CK48SEL bit is the Clock Generator, CKEN enables the Clock Generator; otherwise it enables the
path from the CLKIN input pin.
0: Clock disabled (default).
1: Clock enabled.
6
R/W or
RO
CKOUTSEL (Clock Output Select). Selects the clock source to output on DCLKOUT pin.
0: Select Clock Source from CLKIN pin (default).
1: Select Clock Generator Output. Valid only if CK48SEL field is set.
5
R/W or
RO
CK48SEL (48 MHz Clock Select). Selects the source of the internal 48 MHz clock.
0: The source of the internal 48 MHz clock is CLKIN pin (default).
Use when CLKIN pin is connected to a 48 MHz clock source.
1: The source of the internal 48 MHz clock is the Clock Generator.
Use when CLKIN pin is connected to a 14.31818 MHz clock source.
4RO
CKVALID (Valid Clock Generator, Clock Status). This bit indicates the status of the on-chip, 48 MHz
Clock Generator and controls the generator output clock signal. The PC87382 modules using this clock
may be enabled (see Section 3.3.1 on page 24) only after this bit is read high (generator clock is valid).
0: Generator output clock frozen (default).
1: Generator output clock active (stable and toggling).
3
R/W1S LOCKCCF (Lock Clock Configuration). When set to 1, this bit locks the CLOCKCF register by
disabling writing to all its bits (including to the LOCKCCF bit itself). Once set, this bit can only be
cleared by Hardware reset.
0: The R/W bits are enabled for write (default).
1: All the bits are Read-Only.
2-0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com