Electronic Components Datasheet Search
  English  ▼

X  

PC87382 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 47Page - National Semiconductor (TI) PC87382 Datasheet HTML 48Page - National Semiconductor (TI) PC87382 Datasheet HTML 49Page - National Semiconductor (TI) PC87382 Datasheet HTML 50Page - National Semiconductor (TI) PC87382 Datasheet HTML 51Page - National Semiconductor (TI) PC87382 Datasheet HTML 52Page - National Semiconductor (TI) PC87382 Datasheet HTML 53Page - National Semiconductor (TI) PC87382 Datasheet HTML 54Page - National Semiconductor (TI) PC87382 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
7.0 Legacy Functional Blocks (Continued)
Revision 1.2
51
www.national.com
7.2
IR FUNCTIONALITY (IR)
7.2.1
General Description
This functional block provides advanced, versatile serial communications features with IR capabilities. It supports six modes
of operation: UART, Sharp-IR, IrDA 1.0 SIR (hereafter SIR), Consumer Electronic IR (also called TV Remote or Consumer
remote control, hereafter CEIR), IrDA 1.1 MIR, and FIR. In UART mode, the Serial Port can function in 16450-Compatible
mode, 16550-Compatible mode, or Extended mode. This chapter describes general implementation of the Enhanced Serial
Port with Fast IR. For device specific implementation, see Device Architecture and Configuration in the datasheet of the rel-
evant device.
Note: UART operation of IR module is not supported in PC87382.
Existing 16550-based legacy software is completely and transparently supported. Organization and specific fallback mech-
anisms switch the Serial Port to 16550-Compatible mode on reset or when initialized by 16550 software.
This module has two DMA channels; the device can use either one or both of them. One channel is required for IR-based
applications, since IR communication works in half-duplex fashion. Two channels would normally be needed to handle high-
speed, full-duplex, UART-based applications.
7.2.2
Register Bank Overview
Eight register banks, each containing eight registers, control the module operation. All registers use the same 8-byte address
space to indicate offsets 00h-07h. The active bank must be selected by the software.
The register bank organization enables access to the banks as required for activation of all module modes, while maintaining
transparent compatibility with 16450 or 16550 software.
The Bank Selection register (BSR) selects the active bank and is common to all banks; see Figure 13. Therefore, each bank
defines seven new registers.
The default bank selection after system reset is 0.
Figure 13. IR Register Bank Architecture
Table 29 shows the main functions of the registers in each bank. Banks 0-3 control both UART and IR modes of operation;
banks 4-7 control and configure the IR modes only.
BANK 0
BANK 1
BANK 2
BANK 3
BANK 4
BANK 5
BANK 6
BANK 7
Offset 07h
Offset 06h
Offset 05h
Offset 04h
LCR / BSR
Offset 02h
Offset 01h
Offset 00h
Common
Register
Throughout
All Banks
IR Special Banks
(Banks 4-7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com