Electronic Components Datasheet Search
  English  ▼

X  

PC87382 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 30Page - National Semiconductor (TI) PC87382 Datasheet HTML 31Page - National Semiconductor (TI) PC87382 Datasheet HTML 32Page - National Semiconductor (TI) PC87382 Datasheet HTML 33Page - National Semiconductor (TI) PC87382 Datasheet HTML 34Page - National Semiconductor (TI) PC87382 Datasheet HTML 35Page - National Semiconductor (TI) PC87382 Datasheet HTML 36Page - National Semiconductor (TI) PC87382 Datasheet HTML 37Page - National Semiconductor (TI) PC87382 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
34
Revision1.2
3.10.4 GPIO Pin Select Register (GPSEL)
This register selects the GPIO pin (port number and bit number) to be configured (i.e., which register is accessed via the
GPIO Pin Configuration register). It is reset by hardware to 00h.
Location: Index F0h
Type:
R/W
3.10.5 GPIO Pin Configuration Register (GPCFG)
This register reflects, for both read and write, the register currently selected by the GPIO Pin Select register (GPSEL). All
the GPIO Pin registers that are accessed via this register have a common bit structure, as shown below. This register is
reset by hardware to 44h for port 0, and to 04h for port 2.
Location: Index F1h
Type:
Varies per bit
Port 0, bits 0-4 (with event detection capability)
Port 2, bits 0,1,3 (without event detection capability)
Bit
76543210
Name
Reserved
PORTSEL
Reserved
PINSEL
Reset
00000000
Bit
Description
7-6
Reserved.
5-4
PORTSEL (Port Select). These bits select the GPIO port to be configured:
Bits
5 4
GPIO Port
0 0:
Port 0 (default)
0 1:
Reserved
1 0:
Port 2
1 1:
Reserved
3
Reserved.
2-0
PINSEL (Pin Select). These bits select the GPIO pin to be configured in the selected port:
000, 001,... 111: Binary value of the pin number, 0, 1,... 7 respectively (default=0).
For port 2 only values 000,001,011 are legal.
Bit
76543210
Name
Reserved
EVDBNC
EVPOL
EVTYPE
LOCKCFP
PUPCTL
OUTTYPE
OUTENA
Reset
01000100
Bit
76543210
Name
Reserved
LOCKCFP
PUPCTL
OUTTYPE
OUTENA
Reset
00000100
Bit
Type
Description
7
Reserved.
6
R/W or
RO
EVDBNC (Event Debounce Enable). (Ports 0 and 1 with event detection capability). Enables
transferring the signal only after a predetermined debounce period.
0: Disabled.
1: Enabled (default).
Reserved. (Port 2). Always 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com