Electronic Components Datasheet Search
  English  ▼

X  

PC87382 Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382 Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button PC87382 Datasheet HTML 57Page - National Semiconductor (TI) PC87382 Datasheet HTML 58Page - National Semiconductor (TI) PC87382 Datasheet HTML 59Page - National Semiconductor (TI) PC87382 Datasheet HTML 60Page - National Semiconductor (TI) PC87382 Datasheet HTML 61Page - National Semiconductor (TI) PC87382 Datasheet HTML 62Page - National Semiconductor (TI) PC87382 Datasheet HTML 63Page - National Semiconductor (TI) PC87382 Datasheet HTML 64Page - National Semiconductor (TI) PC87382 Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
8.0 Device Characteristics (Continued)
Revision 1.2
61
www.national.com
8.2.6
Output, Open-Drain Buffer
Symbol: ODn
Output, Open-Drain output buffer, capable of sinking n mA. Output from these signals is open-drain and cannot be forced high.
8.2.7
Quick Switch
Symbol: QS.
8.2.8
Exceptions
1. All pins are 5V tolerant except for the pins with PCI (INPCI, OPCI) and Quick Switch (QS) buffer types.
2. All pins are back-drive protected, except for the pins with PCI (INPCI, OPCI) buffer types.
3. The following pins have an internal static pull-up resistor (when enabled) and therefore may have leakage current from
VDD (when VIN = 0): GPIO00-04, GPIO20-21, GPIO23, DLCLK, DLAD3-0, DLFRAME, DSERIRQ, DLDRQ, DCLKRUN,
DCLKOUT.
4. The following pins have an internal static pull-down resistor (when enabled) and therefore may have leakage current to
VSS (when VIN = VDD): DLRESET.
5. The following strap pins have an internal static pull-up resistor enabled during VDD Power-Up reset and therefore may
have leakage current to VDD (when VIN = 0): BADDR, TRIS, TEST.
6. IOH is valid for a GPIO pin only when it is not configured as open-drain.
7. In XOR Tree mode, the buffer type of the input pins participating in the XOR Tree (see Section 2.4.2 on page 16) is INT
(Input, TTL compatible), regardless of the buffer type of these pins in normal device operation mode; see Section 1.3 on
page 10.
8.2.9
Terminology
Back-Drive Protection. A pin that is back-drive protected does not sink current into the supply when an input voltage higher
than the supply, but below the pin’s maximum input voltage, is applied to the pin. This is true even when the supply is inac-
tive. Note that active pull-up resistors and active output buffers are typically not back-drive protected.
5-Volt Tolerance. An input signal that is 5V tolerant can operate with input voltage of up to 5V even though the supply to
the device is only 3.3V. The actual maximum input voltage allowed to be supplied to the pin is indicated by the maximum
high voltage allowed for the input buffer. Note that some pins have multiple buffers, not all of which are 5V tolerant. In such
cases, there is a note that indicates at what conditions a 5V input may be applied to the pin; if there is no note, the low max-
imum voltage among the buffers is the maximum voltage allowed for the pin.
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output Low Voltage
IOL = n mA
0.4
V
Symbol
Parameter
Conditions
Typ
Max
Unit
RON
Switch On Resistance1
1. Not tested. Guaranteed by characterization.
VIN =0V
5
10
Ω
VIN =VDD
510
Ω
IIL
Input Leakage Current
Switch is on
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com