Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 55Page - Cirrus Logic CL-PD6722 Datasheet HTML 56Page - Cirrus Logic CL-PD6722 Datasheet HTML 57Page - Cirrus Logic CL-PD6722 Datasheet HTML 58Page - Cirrus Logic CL-PD6722 Datasheet HTML 59Page - Cirrus Logic CL-PD6722 Datasheet HTML 60Page - Cirrus Logic CL-PD6722 Datasheet HTML 61Page - Cirrus Logic CL-PD6722 Datasheet HTML 62Page - Cirrus Logic CL-PD6722 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
59
PRELIMINARY DATA SHEET v3.1
EXTENSION REGISTERS
Figure 9-1. Pulse Mode Interrupts
Bit 3 — Pulse System IRQ
This bit selects Level or Pulse mode operation of the IRQ[XX] pins for interrupts from a PC Card
RDY/-IREQ pin (see page 17).
Bit 4 — Speaker Enable
This bit determines whether the card -SPKR pin will drive SPKR_OUT* (see page 15).
Bit 7 — Inpack Enable
This bit is used to determine when to drive data onto the ISA bus.
0
RDY/-IREQ generated interrupts are passed to the IRQ[XX] pin as level-sensitive.
1
When a RDY/-IREQ interrupt occurs, the IRQ[XX] pin is driven with the pulse train shown in Figure 9-1
and allows for interrupt sharing.
0
SPKR_OUT* is high-impedance.
1
SPKR_OUT* is driven from the XOR of -SPKR from each enabled socket.
0
-INPACK pin (see page 17) ignored.
1
-INPACK pin used to control data bus drivers during I/O read from the socket.
-INTR or
High-Z
High-Z
IRQ[XX]
Driven low
Driven high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com