Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 29Page - Cirrus Logic CL-PD6722 Datasheet HTML 30Page - Cirrus Logic CL-PD6722 Datasheet HTML 31Page - Cirrus Logic CL-PD6722 Datasheet HTML 32Page - Cirrus Logic CL-PD6722 Datasheet HTML 33Page - Cirrus Logic CL-PD6722 Datasheet HTML 34Page - Cirrus Logic CL-PD6722 Datasheet HTML 35Page - Cirrus Logic CL-PD6722 Datasheet HTML 36Page - Cirrus Logic CL-PD6722 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
33
PRELIMINARY DATA SHEET v3.1
OPERATION REGISTERS
5.
OPERATION REGISTERS
The CL-PD67XX internal registers are accessed through a pair of Operation registers — an Index register
and a Data register. The Index register is accessed at address 03E0h, and the Data register is accessed
at 03E1h.
5.1
Index
The Data register is accessed at 03E1h.
Bits 5:0 — Register Index
These bits determine which of the 64 possible socket-specific registers will be accessed when the
Data register is next accessed by the processor. Note that some values of the Register Index field
are reserved (see Table 5-1).
Bit 6 — Socket Index
This bit determines which set of socket-specific registers is currently selected. When this bit is ‘0’,
a Socket A register is selected. When this bit is ‘1’, a Socket B register is selected. Note that the
CL-PD6710 supports one socket, and the CL-PD6722 supports two sockets.
Bit 7 — Device Index
In systems where two CL-PD67XXs are used, this bit differentiates between them.
The Index register value determines which internal register should be accessed (read or written) in
response to each CPU access of the Data register. Each of the possible PC Card sockets is allocated 64
of the 256 locations in the internal register index space.
Figure 5-1. Device/Socket/Register Index Space
When viewed as a 8-bit value, the contents of the Index register completely specify a single internal-reg-
ister byte. For example, when the value of this register is in the range 00h–3Fh, a Socket A register is
selected (Socket Index bit is ‘0’), and when the value of this register is in the range 40h–7Fh, a Socket B
register is selected (Socket Index bit is ‘1’). This register only reads back for Device 0. Device 1 will read
back only the upper data byte when 16-bit reads occur at 3E0h.
Register Name: Index
Index: n/a
Register Per: chip
Register Compatibility Type: 365
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Device Index
Socket Index
Register Index
RW:0
RW:0
RW:000000
Socket B Registers
Socket A Registers
00h
3Fh
40h
80h
7Fh
FFh
Socket D Registers
Socket C Registers
Possible with two CL-PD67XXs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com