Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 36Page - Cirrus Logic CL-PD6722 Datasheet HTML 37Page - Cirrus Logic CL-PD6722 Datasheet HTML 38Page - Cirrus Logic CL-PD6722 Datasheet HTML 39Page - Cirrus Logic CL-PD6722 Datasheet HTML 40Page - Cirrus Logic CL-PD6722 Datasheet HTML 41Page - Cirrus Logic CL-PD6722 Datasheet HTML 42Page - Cirrus Logic CL-PD6722 Datasheet HTML 43Page - Cirrus Logic CL-PD6722 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 128 page
background image
PRELIMINARY DATA SHEET v3.1
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
40
CHIP CONTROL REGISTERS
6.3
Power Control
Register Name: Power Control
Index: 02h
Register Per: socket
Register Compatibility Type: 365
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Card Enable
Compatibility
Bit
Auto-Power
VCC Power
Compatibility Bits
VPP1 Power
RW:0
RW:0
RW:0
RW:0
RW:00
RW:00
Table 6-1.
Enabling of Socket Power Controls
PWR-
GOOD
Level
Power Control
Register
-CD1 and
-CD2 Both
Active
Low
Interface Status
Register
(see page 38)
-VCC_3
and
-VCC_5
Levels
VPP1_PGM
and
VPP1_VCC
Levels
Bit 4:
VCC
Power
Bit 5:
Auto-
Power
Bit 6: Card
Power On
Low
X
X
X
0
Inactive high
Inactive low
High
0
X
X
0
Inactive high
Inactive low
High
1
0
X
1
Activated per
Misc Control 1
register, bit 1
Activated per
Power Control
register,
bits 1 and 0
High
1
1
No
0
Inactive high
Inactive low
High
1
1
Yes
1
Activated per
Misc Control 1
register, bit 1
Activated per
Power Control
register,
bits 1 and 0
Table 6-2.
Enabling of Outputs to Card Socket
PWR-
GOOD
Level
-CD1 and
-CD2 Both
Active Low
Power Control Register
CL-PD67XX Signal
Outputs to Socket
Bit 4:
VCC Power
Bit 7:
Card Enable
Low
X
X
X
High impedance
High
No
X
X
High impedance
High
Yes
0
0
High impedance
High
Yes
0
1
Enabled
High
Yes
1
0
High impedance
High
Yes
1
1
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com