Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 97 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 97 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 93Page - Cirrus Logic CL-PD6722 Datasheet HTML 94Page - Cirrus Logic CL-PD6722 Datasheet HTML 95Page - Cirrus Logic CL-PD6722 Datasheet HTML 96Page - Cirrus Logic CL-PD6722 Datasheet HTML 97Page - Cirrus Logic CL-PD6722 Datasheet HTML 98Page - Cirrus Logic CL-PD6722 Datasheet HTML 99Page - Cirrus Logic CL-PD6722 Datasheet HTML 100Page - Cirrus Logic CL-PD6722 Datasheet HTML 101Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
97
PRELIMINARY DATA SHEET v3.1
ELECTRICAL SPECIFICATIONS
15.3.5
Input Clock Specification
Figure 15-5. Input Clock Specification
Table 15-11.Input Clock Specification
Symbol
Parameter
MIN
MAX
Units
Conditions
t1
CLK pin input rise time
1
7
ns
t2
CLK pin input fall time
1
7
ns
t3
CLK input low period
0.4 TCLKP
0.6 TCLKP
ns
t4
CLK input high period
0.4 TCLKP
0.6 TCLKP
ns
Vcenter
Center voltage at which
period specified
0.5 VDD
0.5 VDD
V
TCLKP
Input clock period,
internal clock
69.84 – 0.1%
69.84 + 0.1%
ns
Normal synthesizer
operation. Misc Control
2 register, bit 0 = ‘0’.
CLK pin at 14.318 MHz.
TCLKP
Input clock period,
external clock
40 – 0.1%
40 + 0.1%
ns
Synthesizer bypassed.
Misc Control 2 register,
bit 0 = ‘1’.
CLK pin at 25 MHz.
VIHmin
CLK input high voltage
2.0
V
CORE_VDD = 3.0 V
VILmax
CLK input low voltage
0.8
V
CORE_VDD = 3.6 V
VIHCmin
CLK input high voltage
0.7 VDD
V
CORE_VDD = 4.5 V
VILCmax
CLK input low voltage
0.2 VDD
V
CORE_VDD = 5.5 V
t1
VILmax, VILCmax
t2
t3
t4
TCLKP
CLK
VIHmin, VIHCmin
Vcenter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com