Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 85 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 81Page - Cirrus Logic CL-PD6722 Datasheet HTML 82Page - Cirrus Logic CL-PD6722 Datasheet HTML 83Page - Cirrus Logic CL-PD6722 Datasheet HTML 84Page - Cirrus Logic CL-PD6722 Datasheet HTML 85Page - Cirrus Logic CL-PD6722 Datasheet HTML 86Page - Cirrus Logic CL-PD6722 Datasheet HTML 87Page - Cirrus Logic CL-PD6722 Datasheet HTML 88Page - Cirrus Logic CL-PD6722 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
85
PRELIMINARY DATA SHEET v3.1
DMA OPERATION (CL-PD6722 only)
14.4.1
Programming the DMA Request Pin from the Card
The CL-PD6722 allows selection of one from three PC Card interface inputs to be redefined as the DMA
request input, and it also allows programming of the active level of the selected input. This is done by set-
ting bits 7 and 6 of the Extension Control 1 register to the desired values matching those of the DMA-
capable PC Card to be used.
Once this selection of DMA request input is complete, the PC Card interface is configured at the signal
level for DMA card interfacing.
The following table shows how the CL-PD6722 socket interface signals are redefined when a card is in
DMA card interface mode:
Figure 14-2. Card DMA Request and Acknowledge Handshake with Terminal Count
Notice that the DMA acknowledge to the card as -REG high is only active during the actual DMA read or
write card cycle. This means there is no mechanism to deassert DACK to the card: The card must under-
stand that receiving the first DMA cycle
is its DMA acknowledgment.
Standard I/O Card
Interface Signal Name
DMA-Capable Card Interface
Signal Usage
When Signal Redefinition for DMA
Interface is Effective
-IOIS16
-IOIS16 or may be selected as the active-low
DMA request input
Extension Control 1 register bits 7-6 = ‘10’
(BVD2/)
-SPKR/-LED
-SPKR/-LED or may be selected as the
active-low DMA request input
Extension Control 1 register bits 7-6 = ‘11’
-INPACK
-INPACK or may be selected as the active-
low DMA request input
Extension Control 1 register bits 7-6 = ‘01’
-REG
-REG during standard cycles, active-high
DACK during DMA read/write cycles
Only during actual card DMA read or write
cycle
-OE
-OE during standard cycles, active-low -TC
during DMA write cycles
During DMA write cycles (that is, when
-REG is high and -IORD is low)
-WE
-WE during standard cycles, active-low -TC
during DMA read cycles
During DMA read cycles (that is, when -REG
is high and -IOWR is low)
-DREQ
DACKa
PC Card
CL-PD6722
-REG
-IOIS16, -SPKR, or -INPACK
-IOIS16, -SPKR, or -INPACK
-REG
a A DMA cycle is the DMA acknowledge to the card.
-TC
-OE/-WE
-OE/-WE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com