Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 26Page - Cirrus Logic CL-PD6722 Datasheet HTML 27Page - Cirrus Logic CL-PD6722 Datasheet HTML 28Page - Cirrus Logic CL-PD6722 Datasheet HTML 29Page - Cirrus Logic CL-PD6722 Datasheet HTML 30Page - Cirrus Logic CL-PD6722 Datasheet HTML 31Page - Cirrus Logic CL-PD6722 Datasheet HTML 32Page - Cirrus Logic CL-PD6722 Datasheet HTML 33Page - Cirrus Logic CL-PD6722 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 128 page
background image
PRELIMINARY DATA SHEET v3.1
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
30
INTRODUCTION
3.1.14
DMA Mode Operation for the
CL-PD6722
A slave mode Direct Memory Access (DMA) feature
exists in the CL-PD6722. To use DMA mode, the
Interrupt and General Control register, bit 5 must
be set to ‘1’ to operate the PC Card in I/O Card Inter-
face mode. PC Card interface DMA handshake sig-
nal options must also be selected. Refer to the
description of the Extension Control 1 register on
page 66 as well as Chapter 14.
3.1.15
Selective Data Drive for I/O Windows
The CL-PD67XX can be programmed to drive only
some of the ISA bus data pins on reads from I/O win-
dows. This reduces data contention for I/O
addresses that include more than one peripheral. In
the standard IBM® PC AT, I/O map, floppy disk, and
hard disk share address 3F7h. The floppy disk
drives ISA-data-bus bit 7 on a read from 3F7h, and
the hard disk drives bits 6:0. To allow both floppy
disk controllers on the motherboard and hard disks
on the PC Card bus (or vice versa) to coexist, the
CL-PD67XX can be programmed through use of its
Data Mask registers to disable bit 7 on I/O reads at
addresses 3F7h and 377h.This is done by program-
ming up I/O windows to these addresses as part of
the task of configuring a socket for ATA drive support
(see page 65). Alternately, all bits except bit 7 can
also be disabled to allow the opposite case.
3.2
Host Access to Registers
The CL-PD67XX registers are accessed through an
8-bit indexing mechanism. An index register
scheme allows a large number of internal registers
to be accessed by the CPU using only two I/O
addresses.
The Index register (see Chapter 5) is used to spec-
ify which of the internal registers the CPU will
access next.The value in the Index register is called
the Register Index. This number specifies a unique
internal register. The Data register is used by the
CPU to read and write the internal register specified
by the Index register.
Figure 3-4. Indexed 8-Bit Register Structure
00h
01h
02h
•
•
FEh
FFh
•
3E1h
3E0h
Internal Registers
Register
Indexes
I/O Addresses
Data
Index
High Byte
Low Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com