Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 59Page - Cirrus Logic CL-PD6722 Datasheet HTML 60Page - Cirrus Logic CL-PD6722 Datasheet HTML 61Page - Cirrus Logic CL-PD6722 Datasheet HTML 62Page - Cirrus Logic CL-PD6722 Datasheet HTML 63Page - Cirrus Logic CL-PD6722 Datasheet HTML 64Page - Cirrus Logic CL-PD6722 Datasheet HTML 65Page - Cirrus Logic CL-PD6722 Datasheet HTML 66Page - Cirrus Logic CL-PD6722 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
63
PRELIMINARY DATA SHEET v3.1
EXTENSION REGISTERS
9.4
Chip Information
Bits 4:1 — CL-PD67XX Revision Level
This field identifies the revision of the controller. The initial value is ‘111’. Contact Cirrus Logic for
more information on revision levels for the CL-PD6710 and CL-PD6722.
Bit 5 — Dual/Single Socket*
This bit specifies the number of sockets supported by the CL-PD67XX.
Bits 7:6 — Cirrus Logic Host-Adapter Identification
This field identifies a Cirrus Logic host-adapter device. After chip reset or doing an I/O write to this
register, the first read of this register will return ‘11’. On the next read, this field will be ‘00’. This
pattern of toggling data on subsequent reads can be used by software to determine presence of
a Cirrus Logic host adapter in a system or to determine occurrence of a device reset.
a The value for CL-PD6710 is ‘0’, and the value for CL-PD6722 is ‘1’.
b This read-only value depends on the revision level of the CL-PD67XX chip.
c The value for CL-PD6722 is ‘1’. The value for the CL-PD6710 is ‘0’.
Register Name: Chip Information
Index: 1Fh
Register Per: chip
Register Compatibility Type: ext.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Cirrus Logic Host-Adapter
Identification
Dual/Single
Socket*
CL-PD67XX Revision Level
Reserved
R:11
R:na
R:nnnnb
R:nc
0
Chip identified as a single-socket controller.
1
Chip identified as a dual-socket controller.
00
Second read after I/O write to this register.
11
First read after I/O write to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com